Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 14 of 48
TEST CIRCUIT
0.22µF
4.7µF
MOSI/SDA
MISO/HSD
SCLK/SCL
RESET
4
39
38
37
36
ADE7816
24
26
5
6
25
PULL_HIGH
2
PULL_LOW
3
HSCLK 35
NC 1
NC 10
NC 11
NC 20
NC 21
NC 30
NC 31
NC 33
NC 34
NC 40
0.22µF
4.7µF
+
+
REFIN/OUT
CLKOUT
CLKIN
17
28
27
0.1µF
4.7µF
20pF
+
20pF
16.384MHz
10kΩ
3.3V
3.3V
1µF
SS/HSA
32
IRQ1
29
IRQ0
IAP
7
IAN
8
IBP
9
IBN
12
ICP
13
ICN
14
IFP
19
IEP
22
IDP
23
IN
18
VN
16
VP
15
Figure 22. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com