Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 38 of 48
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type 3
Default
Value
Description
0x43AD
VARTHR1
R/W
24
32 ZP
U
0x000000
Most significant 24 bits of the VARTHR[47:0]
threshold.
0x43AE
VARTHR0
R/W
24
32 ZP
U
0x000000
Least significant 24 bits of the VARTHR[47:0]
threshold.
0x43AF
APNOLOAD
RW
24
32 ZP
U
0x000000
No load threshold in the active power datapath.
0x43B0
VARNOLOAD
R/W
24
32 ZPSE
S
0x000000
No load threshold in the reactive power
datapath.
0x43B1
PCF_A_COEFF
R/W
24
32 ZPSE
U
0x000000
Phase calibration coefficient for Channel A. Set
to 0x400C4A for a 50 Hz system and 0x401235
for a 60 Hz system.
0x43B2
PCF_B_COEFF
R/W
24
32 ZPSE
U
0x000000
Phase calibration coefficient for Channel B. Set
to 0x400C4A for a 50 Hz system and 0x401235
for a 60 Hz system.
0x43B3
PCF_C_COEFF
R/W
24
32 ZPSE
U
0x000000
Phase calibration coefficient for Channel C. Set
to 0x400C4A for a 50 Hz system and 0x401235
for a 60 Hz system.
0x43B4
PCF_D_COEFF
R/W
24
32 ZPSE
U
0x000000
Phase calibration coefficient for Channel D. Set
to 0x400C4A for a 50 Hz system and 0x401235
for a 60 Hz system.
0x43B5
PCF_E_COEFF
R/W
24
32 ZPSE
U
0x000000
Phase calibration coefficient for Channel E. Set to
0x400C4A for a 50 Hz system and 0x401235 for
a 60 Hz system.
0x43B6
PCF_F_COEFF
R/W
24
32 ZPSE
U
0x000000
Phase calibration coefficient for Channel F. Set to
0x400C4A for a 50 Hz system and 0x401235 for
a 60 Hz system.
0x43B7
to
0x43BF
Reserved
N/A
N/A
N/A
N/A
0x000000
These registers should be ignored.
0x43C0
VRMS
R
24
32 ZP
S
N/A
Voltage rms value.
0x43C1
IARMS
R
24
32 ZP
S
N/A
Current Channel A current rms value.
0x43C2
IBRMS
R
24
32 ZP
S
N/A
Current Channel B current rms value.
0x43C3
ICRMS
R
24
32 ZP
S
N/A
Current Channel C current rms value.
0x43C4
IDRMS
R
24
32 ZP
S
N/A
Current Channel D current rms value.
0x43C5
IERMS
R
24
32 ZP
S
N/A
Current Channel E current rms value.
0x43C6
IFRMS
R
24
32 ZP
S
N/A
Current Channel F current rms value.
0x43C7
to 0x43FF
Reserved
These registers should be ignored.
1 R is read, and W is write.
2 For more information, see the Register Format section.
3 U indicates an unsigned register, and S indicates a signed register in twos complement format.
Table 13. Run Register
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication
Type2
Default
Value
Description
0xE228
Run
R/W
16
16
U
0x0000
This register starts and stops the DSP.
1 R is read, and W is write.
2 U indicates an unsigned register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com