Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 30 of 48
CHECKSUM
gi, where i = 0, 1, 2, …, 31 is the coefficient of the generating
polynomial defined by the IEEE802.3 standard as follows:
The ADE7816 has a 32-bit checksum register (Address 0xE51F)
that ensures that certain important configuration registers maintain
their desired value during normal operation.
G(x) = x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 +
(18)
x8 + x7 + x5 + x4 + x2 + x + 1
g0 = g1 = g2 = g4 = g5 = g7 = 1
(19)
g8 = g10 = g11 = g12 = g16 = g22 = g26 = g31 = 1
The registers that are included in this feature are MASK0,
MASK1, COMPMODE, gain, CONFIG, MMODE, ACCMODE,
LCYCMODE, HSDC_CFG, plus four additional 16-bit reserved
registers and six 8-bit reserved internal registers. All reserved
registers always have default values. The ADE7816 computes the
cyclic redundancy check (CRC) based on the IEEE802.3 standard.
The registers are introduced, one by one, into a linear feedback
shift register (LFSR) based generator, starting with the least
significant bit (as shown in Figure 36). The 32-bit result is written
in the checksum register. After power-up or a hardware/software
reset, the CRC is computed on the default values of the registers.
The default value of the checksum register is 0x33666787.
All of the other gi coefficients are equal to 0.
FB(j) = aj − 1 XOR b31(j − 1)
(20)
b0(j) = FB(j) AND g0
(21)
bi(j) = FB(j) AND gi XOR bi − 1(j − 1), i = 1, 2, 3, ..., 31
(22)
Equation 20, Equation 21, and Equation 22 must be repeated for
j = 1, 2, …, 256. The value written into the checksum register con-
tains Bit bi(256), i = 0, 1, …, 31. After the bits from the reserved
internal register pass through the LFSR, the value of the CRC
(which is obtained at Step j = 48) is 0x33660787.
Figure 37 shows how the LFSR works. The MASK0, MASK1,
COMPMODE, gain, CONFIG, MMODE, ACCMODE,
LCYCMODE, and HSDC_CFG registers, along with the four
16-bit reserved registers and six 8-bit reserved internal registers,
form the Bits[a255, a254, …, a0] used by the LFSR. Bit a0 is the least
significant bit of the first internal register to enter the LFSR;
Bit a255 is the most significant bit of the MASK0 register, the last
register to enter the LFSR. The formulas that govern the LFSR
are as follows:
Two different approaches can be followed in using the checksum
register. One is to compute the CRC, based on Equation 18 to
Equation 22, and then compare the value against the checksum
register. Another is to periodically read the checksum register.
If two consecutive readings differ, it can be assumed that one of
the registers has changed value and that, therefore, the ADE7816
configuration has changed. The recommended response is to
initiate a hardware/software reset that sets the values of all
registers (including the reserved ones) to the default, and then
reinitialize the configuration registers.
bi(0) = 1, where i = 0, 1, 2, …, 31, the initial state of the bits that
form the CRC. Bit b0 is the least significant bit, and Bit b31 is the
most significant bit.
31
0
0 15
0 15
0
0
15
31
255 248
240
232
224
216
70 7
0 7
0
7
0
0
07
0
7
40
32
24
16
8 7
MASK0 MASK1 COMPMODE
RESERVED
GAIN
INTERNAL
REGISTER
INTERNAL
REGISTER
INTERNAL
REGISTER
INTERNAL
REGISTER
INTERNAL
REGISTER
INTERNAL
REGISTER
LFSR
GENERATOR
Figure 36. Checksum Register Calculation
b0
LFSR
FB
g0
g1
g2
g31
b1
g3
b2
b31
a255, a254,....,a2, a1, a0
Figure 37. LFSR Generator Used in Checksum Register Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com