Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 41 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
ADE7816
Rev. 0| Page 41 of 48
Note that Address 0xE502, Address 0xE503, Address 0xE50A, and Address 0xE50B are listed in Table 30 and Table 31.
Table 19. CHSTATUS Register (Address 0xE600)
Bits
Bit Name
Default
Value
Description
[15:6]
Reserved
0x000
These bits should be ignored.
5
OICHANNEL2
0x0
The C or F current channel generated the overcurrent event.
4
OICHANNEL1
0x0
The B or E current channel generated the overcurrent event.
3
OICHANNEL0
0x0
The A or D current channel generated the overcurrent event.
[2:0]
Reserved
0x000
Reserved. These bits are always 0.
Table 20. CHNOLOAD Register (Address 0xE608)
Bits
Bit Name
Default
Value
Description
[15:6]
Reserved
0x0000000
These bits should be ignored.
5
NOLOADF
0x0
0: Channel F is out of the no load condition.
1: Channel F is in the no load condition.
4
NOLOADE
0x0
0: Channel E is out of the no load condition.
1: Channel E is in the no load condition.
3
NOLOADD
0x0
0: Channel D is out of the no load condition.
1: Channel D is in the no load condition.
2
NOLOADC
0x0
0: Channel C is out of the no load condition.
1: Channel C is in the no load condition.
1
NOLOADB
0x0
0: Channel B is out of the no load condition.
1: Channel B is in the no load condition.
0
NOLOADA
0x0
0: Channel A is out of the no load condition.
1: Channel A is in the no load condition.
Table 21. COMPMODE Register (Address 0xE60E)
Bits
Bit Name
Default
Value
Description
15
Reserved
0x0
This bit should be ignored.
14
CHANNEL_SEL
0x0
0: the A, B, and C current channels are used for the peak, overcurrent, zero crossing, angle, and
waveform measurements.
1: the D, E, and F current channels are used for the peak, overcurrent, zero crossing, angle, and
waveform measurements.
[13:11]
Reserved
0x0
These bits should be ignored.
[10:9]
ANGLESEL
0x00
00: the time delays between the voltage and currents are measured.
01: reserved.
10: the angles between current channels are measured.
11: no angles are measured.
[8:0]
Reserved
0x1FF
These bits should be ignored and not modified.
Table 22. Gain Register (Address 0xE60F)
Bits
Bit Name
Default
Value
Description
[15:9]
Reserved
0x0000000
These bits should be ignored.
[8:6]
PGA3[2:0]
0x000
Gain selection for the D, E, and F current channels.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
101, 110, 111: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com