Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to AGND
−0.3 V to +3.7 V
VDD to DGND
−0.3 V to +3.7 V
Analog Input Voltage to AGND, IAP, IAN,
IBP, IBN, ICP, ICN, IDP, IEP, IFP, IN
−2 V to +2 V
Analog Input Voltage to VP and VN
−2 V to +2 V
Reference Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
Operating Temperature
Industrial Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Regarding the temperature profile used in soldering RoHS-
compliant parts, Analog Devices, Inc., advises that reflow profiles
should conform to J-STD-20 from JEDEC. Refer to the JEDEC
website for the latest revision.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
40-Lead LFCSP
29.3
1.8
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com