Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 15 of 48
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7816 is defined by the following equation:
Measurement Error =
%
100
Energy
True
Energy
True
ADE7816
by
Registered
Energy
Phase Error Between Channels
The high-pass filter (HPF) and digital integrator introduce
a slight phase mismatch between the current channels and the
voltage channel. The all digital design ensures that the phase
matching between the current channels and voltage channel in
all three phases is within ±0.1° over a range of 45 Hz to 65 Hz
and ±0.2° over a range of 40 Hz to 1 kHz. This internal phase
mismatch can be combined with the external phase error (from
current sensor or component tolerance) and calibrated with the
phase calibration registers.
Power Supply Rejection (PSR)
PSR quantifies the ADE7816 measurement error as a percentage
of reading when the power supplies are varied. For the ac PSR
measurement, a reading at nominal supplies (3.3 V) is taken.
A second reading is obtained with the same input signal levels
when an ac signal (120 mV rms at 100 Hz) is introduced onto the
supplies. Any error introduced by this ac signal is expressed as a
percentage of reading (see the Measurement Error definition).
For the dc PSR measurement, a reading at nominal supplies
(3.3 V) is taken. A second reading is obtained with the same
input signal levels when the power supplies are varied ±10%.
Any error introduced is expressed as a percentage of the reading.
ADC Offset Error
ADC offset error refers to the dc offset that is associated with
the analog inputs to the ADCs. It means that
, with the analog
inputs connected to AGND, the ADCs still see a dc analog input
signal. The magnitude of the offset depends on the gain and input
range selection (see the Typical Performance Characteristics
section). However, the HPF removes the offset from the current
channels and voltage channel, and the power calculation remains
unaffected by this offset.
Gain Error
The gain error in the ADCs of the ADE7816 is defined as the
difference between the measured ADC output code (minus the
offset) and the ideal output code. The difference is expressed as
a percentage of the ideal code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com