Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 31 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 31 of 48
OUTPUTS
This section describes the outputs from the ADE7816.
INTERRUPTS
The ADE7816 has two interrupt pins, IRQ0 and IRQ1. Each pin is
managed by a 32-bit interrupt mask register, MASK0 and MASK1
(Address 0xE50A and Address 0xE50B), respectively. To enable
an interrupt, a bit in the MASKx register must be set to 1. To
disable an interrupt, the bit must be cleared to 0. Two 32-bit
status registers, STATUS0 and STATUS1 (Address 0xE502 and
Address 0xE503, respectively), are associated with the interrupts.
When an interrupt event occurs in the
, the corre-
sponding flag in the interrupt status register is set to a Logic 1
(see
and
). If the mask bit for this interrupt in
the interrupt mask register is Logic 1, the
ADE7816
Table 30
Table 31
IRQx logic output goes
active low. The flag bits in the interrupt status register are set,
irrespective of the state of the mask bits. To determine the source
of the interrupt, the microcontroller must perform a read of the
corresponding STATUSx register and identify which bit is set to 1.
To erase the flag in the status register, write back to the STATUSx
register with the flag set to 1. After an interrupt pin goes low, the
status register is read and the source of the interrupt is identified.
Then, the status register is written back, with no changes, to
clear the status flag to 0. The IRQx pin remains low until the
status flag is cancelled.
By default, all interrupts are disabled, with the exception of
the RSTDONE interrupt. This interrupt can never be masked
(disabled) and, therefore, Bit 15 (RSTDONE) in the MASK1
register does not have any functionality. The IRQ1 pin always
goes low, and Bit 15 (RSTDONE) in the STATUS1 register is set
to 1 whenever a power-up or a hardware/software reset process
ends. To cancel the RSTDONE status flag, the STATUS1 register
nust be written with Bit 15 (RSTDONE) set to 1.
COMMUNICATION
Serial Interface Selection
After reset, the HSDC port is always disabled. Choose between the
I2C and SPI ports by manipulating the SS/HSA pin after power-up
or after a hardware reset. If the SS/HSA pin is held high, the
uses the I2C port until a new hardware reset is executed.
If the
ADE7816
SS/HSA pin is toggled high to low three times after power-up
or after a hardware reset, the
uses the SPI port until a
new hardware reset is executed. This manipulation of the
ADE7816
SS/HSA
pin can be accomplished in two ways. The first option is to use
the SS/HSA pin of the master device (that is, the microcontroller)
as a regular I/O pin and toggle it three times. The second option is
to execute three SPI write operations to a location in the address
space that is not allocated to a specific
register (such as
Address 0xEBFF, where 8-bit writes can be executed).
ADE7816
These writes allow the SS/HSA pin to toggle three times. See the
SPI Write Operation section for details on the write protocol
that is involved.
After the serial port choice is completed, it must be locked.
If I2C is the active serial port, Bit 1 (I2C_LOCK) of the CONFIG2
register (Address 0xEC01) must be set to 1 to lock it in. From then
on, the ADE7816 ignores spurious toggling of the SS/HSA pin,
and an eventual switch to use of the SPI port is no longer possible.
If the SPI is the active serial port, any write to the CONFIG2
register locks the port. From then on, a switch to the I2C port is no
longer possible.
The functionality of the ADE7816 is accessible via several on-chip
registers. The contents of these registers can be updated or read,
using either the I2C or SPI interfaces. The HSDC port provides the
instantaneous values of the voltages and current channels.
I2C-Compatible Interface
The ADE7816 supports a fully licensed I2C interface. The I2C
interface is implemented as a full hardware slave. SDA is the data
I/O pin, and SCL is the serial clock. These two pins are shared with
the MOSI and SCLK pins, respectively, of the on-chip SPI interface.
The maximum serial clock frequency supported by this interface is
400 kHz.
The SDA and SCL pins are used for data transfer and are con-
figured in a wire-AND’ed format that allows arbitration in a
multimaster system.
The transfer sequence of an I2C system consists of a master device
initiating a transfer by generating a start condition while the bus
is idle. The master transmits the address of the slave device and the
direction of the data transfer in the initial address transfer. If the
slave acknowledges, the data transfer is initiated. This continues
until the master issues a stop condition and the bus becomes idle.
I2C Write Operation
The write operation, using the I2C interface of the ADE7816,
initiated when the master generates a start condition, consists
of one byte representing the address of the ADE7816, followed
by the 16-bit address of the target register and by the value of
the register.
The most significant seven bits of the address byte constitute
the address of the ADE7816, which is 0111000b. Bit 0 of the
address byte is a read/write bit. Because this is a write operation,
it must be cleared to 0; therefore, the first byte of the write
operation is 0x70. After every byte is received, the
generates an acknowledge. The register can be 8, 16, or 32 bits
in length. After the last bit of the register is transmitted and the
acknowledges the transfer, the master generates a stop
condition. The addresses and the register content are sent with
the most significant bit first. See
for details of the I2C
write operation.
ADE7816
ADE7816
Figure 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com