Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 45Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 46Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 47Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 48Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 49Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 50Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 51Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 52Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 171 page
background image
Rev. 1.10
48
�a� �0� �01�
Rev. 1.10
49
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Reset and Initialisation
Aresetfunctionisafundamentalpartofanymicrocontrollerensuringthatthedevicecanbeset
tosomepredeterminedconditionirrespectiveofoutsideparameters.Themostimportantreset
conditionisafterpowerisfirstappliedtothemicrocontroller.Inthiscase,internalcircuitrywill
ensurethatthemicrocontroller,afterashortdelay,willbeinawelldefinedstateandreadyto
executethefirstprograminstruction.Afterthispower-onreset,certainimportantinternalregisters
willbesettodefinedstatesbeforetheprogramcommences.OneoftheseregistersistheProgram
Counter,whichwillberesettozeroforcingthemicrocontrollertobeginprogramexecutionfromthe
lowestProgramMemoryaddress.
AnothertypeofresetiswhentheWatchdogTimeroverflowsandresetsthemicrocontroller.All
typesofresetoperationsresultindifferentregisterconditionsbeingsetup.Anotherresetexistsinthe
formofaLowVoltageReset,LVR,wherethepowersupplyvoltagefallsbelowacertainthreshold.
Reset Functions
Therearefourwaysinwhichamicrocontrollerresetcanoccur,througheventsoccurringboth
internallyandexternally:
• Power-onReset
Themostfundamentalandunavoidableresetistheonethatoccursafterpowerisfirstappliedto
themicrocontroller.AswellasensuringthattheProgramMemorybeginsexecutionfromthefirst
memoryaddress,apower-onresetalsoensuresthatcertainotherregistersarepresettoknown
conditions.AlltheI/Oportandportcontrolregisterswillpowerupinahighconditionensuring
thatallpinswillbefirstsettoinputs.
VDD
Power-on Reset
SST Time-out
tRSTD
Note:tRSTDispower-ondelay,typicaltime=50ms
Power-on Reset Timing Chart
• LowVoltageReset–LVR
Thismicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltage
ofthisdevice,whichiscontrolledbyLVRCregister.Ifthesupplyvoltageofthedevicedrops
towithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,theLVRwill
automaticallyresetthedeviceinternallyandsettheLVRFintheCTRLregistertohigh.The
LVRincludesthefollowingspecifications:ForavalidLVRsignal,alowvoltage,i.e.,avoltage
intherangebetween0.9V~VLVRmustexistforgreaterthanthevaluetLVRspecifiedintheA.C.
characteristics.IfthelowvoltagestatedoesnotexceedtLVR,theLVRwillignoreitandwillnot
performaresetfunction.
LV R
In te r nal R es et
t RS TD + t SST
Note:tRSTDispower-ondelay,typicaltime=16.7ms
Low Voltage Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com