Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 67Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 68Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 69Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 70Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 71Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 72Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 73Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 74Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 171 page
background image
Rev. 1.10
70
�a� �0� �01�
Rev. 1.10
71
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Bit 0
T5CCLR:
SelectTM5Counterclearcondition
0:TM5ComparatorPmatch
1:TM5ComparatorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.Rememberthatthe
CompactTM5containstwocomparators,ComparatorAandComparatorP,eitherof
whichcanbeselectedtocleartheinternalcounter.WiththeT5CCLRbitsethigh,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorA.
Whenthebitislow,thecounterwillbeclearedwhenacomparematchoccursfrom
theComparatorPorwithacounteroverflow.Acounteroverflowclearingmethodcan
onlybeimplementediftheCCRPbitsareallclearedtozero.TheT5CCLRbitisnot
usedinthePWMMode.
TM5RP Register – 16-bit CTM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
TM5CCRP8-bitregister,comparedwiththeTM5Counterbit15~bit8ComparatorP
MatchPeriod
0:1024TMnclocks
1~255: 256×(1~255)TM5clocks
ThesethreebitsareusedtosetupthevalueontheinternalCCRP8-bitregister,which
arethencomparedwiththeinternalcounter’shighesteightbits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheT5CCLRbitissetto
zero.SettingtheT5CCLRbittozeroensuresthatacomparematchwiththeCCRP
valueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwiththe
highesteightcounterbits,thecomparevaluesexistin256clockcyclemultiples.
Clearingallthreebitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.
Compact Type TM Operating Modes
TheCompactTypeTMcanoperateinoneofthreeoperatingmodes,CompareMatchOutputMode,
PWMModeorTimer/CounterMode.TheoperatingmodeisselectedusingtheTnM1andTnM0
bitsintheTMnC1register.
Compare Match Output Mode
Toselectthismode,bitsTnM1andTnM0intheTMnC1register,shouldbesetto“00”respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhentheTnCCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchoccursfromComparatorP,theotheriswhentheCCRPbitsareallzerowhich
allowsthecountertooverflow.HerebothTnAFandTnPFinterruptrequestflagsfortheComparator
AandComparatorPrespectively,willbothbegenerated.
IftheTnCCLRbitintheTMnC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheTnAFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
TnCCLRishighnoTnPFinterruptrequestflagwillbegenerated.IftheCCRAbitsareallzero,the
counterwilloverflowwhenitsreachesitsmaximum10-bit,3FFHex,or16-bit,FFFFHex,value,
howeverheretheTnAFinterruptrequestflagwillnotbegenerated.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpinwillchange
state.TheTMoutputpinconditionhoweveronlychangesstatewhenaTnAFinterruptrequestflag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com