Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 17Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 18Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 19Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 20Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 171 page
background image
Rev. 1.10
16
�a� �0� �01�
Rev. 1.10
17
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Operational Amplifier Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOPR1
Operating Current
5V
—
—
�50
—
μA
IOFF1
Power Down Current
5V
—
—
—
0.1
μA
VOPOS1
Input Offset Voltage
5V
Without calibration�
OPOF[�:0]=1000B
-15
—
+15
mV
VOPOS�
Input Offset Voltage
5V
B� calibration
-4
—
+4
mV
VC�
Common �ode Voltage Range
—
—
VSS
—
VDD-1.4V
V
PSRR
Power Suppl� Rejection Ratio
5V
—
60
80
—
dB
C�RR
Common �ode Rejuction Ratio
5V
VC�=0 ~ VDD-1.4V
60
80
—
dB
SR
Slew Rate+� Slew Rate-
5V
No load
1.8
�.5
—
V/μs
GBW
Gain Band Width
5V
RL
=1MΩ, CL=100pF
—
�.5
—
�Hz
Comparator Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
IOPR0
Comparator operating voltage
5V
—
—
�00
�00
μA
IOFF0
Comparator power down current
5V
—
—
—
0.1
μA
VOS
Comparator input offset voltage
—
—
-10
—
+10
mV
VC�
Comparator common mode
input voltage range
—
—
VSS
—
VDD-1.4V
V
tPD
Comparator response time
(100mV overdrive)
—
—
—
4
8
μs
Power on Reset Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
VPOR
VDD Start Voltage to ensure Power-on Reset
—
—
—
—
100
mV
RRVDD
VDD Rise Rate to ensure Power-on Reset
—
—
0.0�5
—
—
V/ms
tPOR
�inimum Time for VDD to remain at VPOR to
ensure Power-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com