Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 17Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 18Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 171 page
background image
Rev. 1.10
14
�a� �0� �01�
Rev. 1.10
15
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
A.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
S�stem Clock
—
4.5V~5.5V
��
—
�0000
kHz
fHIRC
S�stem Clock (HIRC)
4.5V~5.5V
Ta=-40˚C~85˚C
-1�%
�0
+4%
�Hz
Ta=-20˚C~85˚C
-9%
�0
+4%
�Hz
Ta=25˚C
-�%
�0
+�%
�Hz
fTI�ER
Timer Input Pin Frequenc�
—
—
—
—
1
fSYS
tINT
Interrupt Pulse Width
—
—
1
—
—
tSYS
tLVR
Low Voltage Width to Reset
—
—
1�0
�40
480
μs
tLVD
Low Voltage Width to Interrupt
—
—
�0
45
90
μs
tLVDS
LVDO stable time
—
—
15
—
—
μs
tEERD
EEPRO� Read Time
—
—
—
45
90
μs
tEEWR
EEPRO� Write Time
—
—
—
�
4
ms
tSST
S�stem Start-up Timer Period
(Wake-up from HALT)
—
fSYS=HIRC
—
15~16
—
tSYS
tRSTD
S�stem Reset Dela� Time
(Power On Reset)
—
—
�5
50
100
ms
S�stem Reset Dela� Time
(An� Reset except Power On
Reset)
—
—
8.�
16.7
��.�
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com