Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 39Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 40Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 41Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 42Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 43Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 44Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 45Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 46Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 171 page
background image
Rev. 1.10
4�
�a� �0� �01�
Rev. 1.10
4�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Operating Mode Switching and Wake-up
Thisdevicecanswitchbetweenoperatingmodesdynamicallyallowingtheusertoselectthebest
performance/powerratioforthepresenttaskinhand.Inthiswaymicrocontrolleroperationsthat
donotrequirehighperformancecanbeexecutedusingslowerclocksthusrequiringlessoperating
currentandprolongingbatterylifeinportableapplications.
Insimpleterms,ModeSwitchingbetweentheNORMALModeandSLOWModeisexecuted
usingtheHLCLKbitandCKS2~CKS0bitsintheSMODregisterwhileModeSwitchingfromthe
NORMAL/SLOWModestotheSLEEP/IDLEModesisexecutedviatheHALTinstruction.When
aHALTinstructionisexecuted,whetherthisdeviceentertheIDLEModeortheSLEEPModeis
determinedbytheconditionoftheIDLENbitintheSMODregisterandFSYSONintheCTRL
register.
WhentheHLCLKbitswitchestoalowlevel,whichimpliesthatclocksourceisswitchedfromthe
highspeedclocksource,fH,totheclocksource,fH/2~fH/64orfL.IftheclockisfromthefL,thehigh
speedclocksourcewillstoprunningtoconservepower.Whenthishappensitmustbenotedthatthe
fH/16andfH/64internalclocksourceswillalsostoprunning,whichmayaffecttheoperationofother
internalfunctionssuchastheTMs.Theaccompanyingflowchartshowswhathappenswhenthis
devicemovebetweenthevariousoperatingmodes.
NORMAL Mode to SLOW Mode Switching
WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore
consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysettheHLCLKbit
to“0”andsettheCKS2~CKS0bitsto“000”or“001”intheSMODregister.Thiswillthenusethe
lowspeedsystemoscillatorwhichwillconsumelesspower.Usersmaydecidetodothisforcertain
operationswhichdonotrequirehighperformanceandcansubsequentlyreducepowerconsumption.
TheSLOWModeissourcedfromtheLIRCoscillatorandthereforerequiresthisoscillatortobe
stablebeforefullmodeswitchingoccurs.ThisismonitoredusingtheLTObitintheSMODregister.
SLOW Mode to NORMAL Mode Switching
InSLOWModethesystemusestheLIRClowspeedsystemoscillator.Toswitchbacktothe
NORMALMode,wherethehighspeedsystemoscillatorisused,theHLCLKbitshouldbesetto
“1”orHLCLKbitis“0”,butCKS2~CKS0issetto“010”,“011”,“100”,“101”,“110”or“111”.
Asacertainamountoftimewillberequiredforthehighfrequencyclocktostabilise,thestatusof
theHTObitischecked.Theamountoftimerequiredforhighspeedsystemoscillatorstabilization
dependsuponwhichhighspeedsystemoscillatortypeisused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com