Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 36Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 37Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 38Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 39Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 40Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 41Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 42Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 43Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 171 page
background image
Rev. 1.10
40
�a� �0� �01�
Rev. 1.10
41
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Control Register
Asingleregister,SMOD,isusedforoverallcontroloftheinternalclockswithinthisdevice.
SMOD Register
Bit
7
6
5
4
3
2
1
0
Name
CKS�
CKS1
CKS0
FSTEN
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
0
0
0
0
0
1
1
Bit 7~5
CKS2~CKS0:
ThesystemclockselectionwhenHLCLKis“0”
000: fL(fLIRC)
001: fL(fLIRC)
010: fH/64
011: fH/32
100: fH/16
101: fH/8
110: fH/4
111: fH/2
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.In
additiontothesystemclocksource,whichcanbetheLIRC,adividedversionofthe
highspeedsystemoscillatorcanalsobechosenasthesystemclocksource.
Bit 4
FSTEN:
FastWake-upControl
0:Disable
1:Enable
ThisistheFastWake-upControlbitwhichdeterminesifthefSUBclocksourceis
initiallyusedafterthisdevicewakeup.Whenthebitishigh,thefSUBclocksourcecan
beusedasatemporarysystemclocktoprovideafasterwakeuptimeasthefSUBclock
isavailable.
Bit 3
LTO:
Lowspeedsystemoscillatorreadyflag
0:Notready
1:Ready
Thisisthelowspeedsystemoscillatorreadyflagwhichindicateswhenthelowspeed
systemoscillatorisstableafterpoweronresetorawake-uphasoccurred.Theflag
willchangetoahighlevelafter1~2clockcyclesiftheLIRCoscillatorisused.
Bit 2
HTO:
Highspeedsystemoscillatorreadyflag
0:Notready
1:Ready
Thisisthehighspeedsystemoscillatorreadyflagwhichindicateswhenthehighspeed
systemoscillatorisstable.Thisflagisclearedto“0”byhardwarewhenthisdeviceis
poweredonandthenchangestoahighlevelafterthehighspeedsystemoscillatoris
stable.Thereforethisflagwillalwaysbereadas“1”bytheapplicationprogramafter
devicepower-on.TheflagwillbelowwhenintheSLEEPorIDLE0Modebutaftera
wake-uphasoccurred,theflagwillchangetoahighlevelafter15~16clockcyclesif
theHIRCoscillatorisused.
Bit 1
IDLEN:
IDLEModecontrol
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT
instructionisexecuted.Ifthisbitishigh,whenaHALTinstructionisexecutedthis
devicewillentertheIDLEMode.IntheIDLE1ModetheCPUwillstoprunning
butthesystemclockwillcontinuetokeeptheperipheralfunctionsoperational,if
FSYSONbitishigh.IfFSYSONbitislow,theCPUandthesystemclockwillallstop
inIDLE0Mode.IfthebitislowthisdevicewillentertheSLEEPModewhenaHALT
instructionisexecuted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com