Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 91Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 92Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 93Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 94Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 95Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 96Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 97Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 98Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 171 page
background image
Rev. 1.10
94
�a� �0� �01�
Rev. 1.10
95
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
FF EH
(
)
A/ D C onv er si on
Re su lt
FFFH
FF DH
03H
02H
01H
0. 5 LS B
0
12
3
409 3 4094 4095 409 6
A nal og In pu t Vo lt age
1. 5 LS B
V DD
409 6
Ideal A/D Transfer Function
A/D Programming Example
ThefollowingtwoprogrammingexamplesillustratehowtosetupandimplementanA/Dconversion.
Inthefirstexample,themethodofpollingtheEOCBbitintheADCR0registerisusedtodetect
whentheconversioncycleiscomplete,whereasinthesecondexample,theA/Dinterruptisusedto
determinewhentheconversioniscomplete.
Example: using an EOCB polling method to detect the end of conversion
clr AEOCE;disableADCinterrupt
mov
a,03H
mov ADCR1,a ;selectfSYS/8asA/Dclock
clr ADOFF
mov a,0Fh ;setupANCSR0andANCSR1toconfigurepinsAN0~AN3
mov ANCSR0,a
mov
a,00h
mov ANCSR1,a
mov
a,00h
mov ADCR0;enableandconnectAN0channeltoA/Dconverter
:
start_conversion:
clrADSTR ;highpulseonstartbittoinitiateconversion
setADSTR ;resetA/D
clrADSTR ;startA/D
polling_EOC:
sz EOCB ;polltheADCR0registerEOCBbittodetectend
;ofA/Dconversion
jmppolling_EOC ;continuepolling
mova,ADRL;readlowbyteconversionresultvalue
movADRL_buffer,a;saveresulttouserdefinedregister
mova,ADRH;readhighbyteconversionresultvalue
movADRH_buffer,a;saveresulttouserdefinedregister
:
:
jmp start_conversion;startnexta/dconversion
Example: using the interrupt method to detect the end of conversion
clr MF1E ;disableADCinterrupt
CLR AEOCE
mov
a,03H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com