Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 79Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 80Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 81Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 82Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 83Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 84Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 85Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 86Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 171 page
background image
Rev. 1.10
8�
�a� �0� �01�
Rev. 1.10
8�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
RMT Timing
Noise Filter
Anoisefiltercircuitisincludedtoreducethepossibilityofnoisespikesorerroneoussignalinputs
beingdecodedasgenuineinputssignals.
Dat_In
Dat_Out
Noise Filter
Dat_In
Dat_Out
NF_VIH[4:0] NF_VIL[4:0]
Noise Filter
Noise Filter Registers Description
NF_VIH Register
Bit
7
6
5
4
3
2
1
0
Name
NF_BYPS
—
—
D4
D�
D�
D1
D0
R/W
R/W
—
—
R/W
R/W
R/W
R/W
R/W
POR
0
—
—
1
1
0
0
1
Bit 7
NF_BYPS:
BypassNoiseFilterEnable
0:Disable
1:Enable,Dat_Out=Dat_In
Bit6~5
Unimplemented,readas"0"
Bit4~0
NF_VIHBit4~Bit0
NF_VIL Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
D4
D�
D�
D1
D0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
1
0
1
0
Bit7~5
Unimplement,readas"0"
Bit4~0
NF_VILBit4~Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com