Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 59Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 60Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 61Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 62Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 63Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 64Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 65Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 66Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 171 page
background image
Rev. 1.10
6�
�a� �0� �01�
Rev. 1.10
6�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Thefollowingstepsshowthereadandwriteprocedures:
• WritingDatatoCCRA
♦
Step1.WritedatatoLowByteTMxAL
– notethatheredataisonlywrittentothe8-bitbuffer.
♦
Step2.WritedatatoHighByteTMxAH
– heredataiswrittendirectlytothehighbyteregistersandsimultaneouslydataislatched
fromthe8-bitbuffertotheLowByteregisters.
• ReadingDatafromtheCounterRegistersandCCRA
♦
Step1.ReaddatafromtheHighByteTMxDHorTMxAH
– heredataisreaddirectlyfromtheHighByteregistersandsimultaneouslydataislatched
fromtheLowByteregisterintothe8-bitbuffer.
♦
Step2.ReaddatafromtheLowByteTMxDLorTMxAL
– thisstepreadsdatafromthe8-bitbuffer.
Compact Type TM – CTM
AlthoughthesimplestformoftheTMtypes,theCompactTMtypestillcontainsthreeoperating
modes,whichareCompareMatchOutput,Timer/EventCounterandPWMOutputmodes.The
CompactTMcanalsobecontrolledwithanexternalinputpinandcandrivetwoexternaloutput
pins.Thesetwoexternaloutputpinscanbethesamesignalortheinversesignal.
CCRP
CCRA
Tn CC LR
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PAU
b7 ~b 9 or b 8~ b15
3 - bi t or 8 - bi t Co mp ar at or P
TC Kn
10- bi t or 1 6- bi t Co m par at or A
Co unt er C le ar
10- bi t o r 16- bi t Co un t- up C o unt er
Tn PF I nt e rru pt
Tn AF I nt e rru pt
TP n Pi n
Ou t put
b0 ~b 9 or b 0~ b15
Tn M1 , Tn M0
Tn IO 1, T nI O0
Tn PO L
Tn OC
Po la ri ty
Co nt ro l
Ou t put
Co nt ro l
TP n_0
TP n_1
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
Re se rv ed
0
1
Compact Type TM Block Diagram (n=0, 1, 2, 3, 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com