Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 90 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 90 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 86Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 87Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 88Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 89Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 90Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 91Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 92Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 93Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 94Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 171 page
background image
Rev. 1.10
90
�a� �0� �01�
Rev. 1.10
91
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
ANCSR0 Register
Bit
7
6
5
4
3
2
1
0
Name
PCR7
PCR6
PCR5
PCR4
PCR�
PCR�
PCR1
PCR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit 7
PCR7:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN7
Bit 6
PCR6:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN6
Bit 5
PCR5:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN5
Bit 4
PCR4:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN4
Bit 3
PCR3:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN3
Bit 2
PCR2:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN2
Bit 1
PCR1:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN1
Bit 0
PCR0:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,AN0
ANCSR1 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
PCR8
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
1
Bit7~1
Unimplemented,readas"0"
Bit 0
PCR8:
A/Dinputpinselect
0:NotA/Dinput
1:A/Dinput,Isinput,AN8
ADDL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
ADCDelay-TimeregisterBit7~Bit0
Delay-TimeValue(countbysystemclock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com