Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 68Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 69Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 70Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 71Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 72Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 73Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 74Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 75Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 171 page
background image
Rev. 1.10
7�
�a� �0� �01�
Rev. 1.10
7�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
isgeneratedafteracomparematchoccursfromComparatorA.TheTnPFinterruptrequestflag,
generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTMoutput
pin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthe
TnIO1andTnIO0bitsintheTMnC1register.TheTMoutputpincanbeselectedusingtheTnIO1
andTnIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematch
occursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafterthe
TnONbitchangesfromlowtohigh,issetupusingtheTnOCbit.NotethatiftheTnIO1andTnIO0
bitsarezerothennopinchangewilltakeplace.
Counter Value
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
T� O/P Pin
Time
CCRP=0
CCRP > 0
Counter overflow
CCRP > 0
Counter cleared b� CCRP value
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0; Tn� [1:0] = 00
Output pin set to
initial Level Low
if TnOC=0
Output Toggle with
TnAF flag
Note TnIO [1:0] = 10
Active High Output select
Here TnIO [1:0] = 11
Toggle Output select
Output not affected b� TnAF
flag. Remains High until reset
b� TnON bit
Output Pin
Reset to Initial value
Output controlled b�
other pin-shared function
Output Inverts
when TnPOL is high
0x�FF or 0xFFFF
Compare Match Output Mode – TnCCLR=0
Note:1.WithTnCCLR=0,aComparatorPmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheTnAFflag
3.TheoutputpinisresettoitsinitialstatebyaTnONbitrisingedge
4.n=0,1,2,3,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com