Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 9Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 171 page
background image
Rev. 1.10
1�
�a� �0� �01�
Rev. 1.10
1�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Pin Name
Function
OP
I/T
O/T
Description
PC7/Pause/
TP5_1
PC7
PCPU
ST
C�OS
Bidirectional 8-bit I/O port. Register enabled
pull-up.
Pause
�PTC1
ST
—
PW� Pause input pin
TP5_1
T�PC1
ST
C�OS CAPT� I/O
PD0/
FH1_SAT/
TP0_1
PD0
PDPU
ST
C�OS
Bidirectional 8-bit I/O port. Register enabled
pull-up.
FH1_SAT
DC�CR1
—
—
DC FAN Head port output
TP0_1
T�PC0
ST
C�OS T�0 I/O
PD1/
FH1_SBT/
TP1_1
PD1
PDPU
ST
C�OS
Bidirectional 8-bit I/O port. Register enabled
pull-up.
FH1_SBT
DC�CR1
—
—
DC FAN Head port output
TP1_1
T�PC0
ST
C�OS T�1 I/O
PD�/FH1_LI
PD�
PDPU
ST
C�OS
Bidirectional 8-bit I/O port. Register enabled
pull-up.
FH1_LI
DC�CR1
—
—
DC FAN Head port output
PD�/FH1_RI
PD�
PDPU
ST
C�OS
Bidirectional 8-bit I/O port. Register enabled
pull-up.
FH1_RI
DC�CR1
—
—
DC FAN Head port output
VSS
VSS
—
PWR
—
Negative power suppl�� ground
AVSS
AVSS
—
PWR
—
Ground connection for A/D converter. The
VSS and AVSS are the same pin at �8 pin
package
VDD
VDD
—
PWR
—
Positive power suppl�
AVDD
AVDD
—
PWR
—
Power suppl� connection for A/D converter.
The VDD and AVDD are the same pin at
�8 pin package
Note:I/T:Inputtype; O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;
CO:Configurationoption; ST:SchmittTriggerinput
CMOS:CMOSoutput;
NMOS:NMOSoutput
AN:Analoginputpin
VDDisthedevicepowersupplywhileAVDDistheADCpowersupply.
VSSisthedevicegroundpinwhileAVSSistheADCgroundpin.
AsthePinDescriptionSummarytableappliestothepackagetypewiththemostpins,notallofthe
abovelistedpinsmaybepresentonpackagetypeswithsmallernumbersofpins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com