Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 17Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 171 page
background image
Rev. 1.10
14
�a� �0� �01�
Rev. 1.10
15
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Absolute Maximum Ratings
SupplyVoltage ................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage ..................................................................................................VSS−0.3V to VDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚C to 85˚C
IOH Total ....................................................................................................................................-80mA
IOL Total ..................................................................................................................................... 80mA
TotalPowerDissipation ........................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothisdevice.Functionaloperationofthisdeviceatother
conditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposuretoextreme
conditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
fSYS=�� ~ �0000kHz
4.5
—
5.5
V
IDD
Operating Current
(HIRC OSC)
5V
No load� fH=�0�Hz� ADC off�
WDT enable� �otor_CTL off�
IR_RX off
—
8
10
mA
ISTB
Standb� Current
—
LIRC and LVR on� LVD off�
WDT enable
—
60
100
μA
VIL
Input Low Voltage for I/O Ports�
TCKn� INT0A� INT0B� INT0C� INT1
—
—
0
—
0.�VDD
V
VIH
Input High Voltage for I/O Ports�
TCKn� INT0A� INT0B� INT0C� INT1
—
—
0.7VDD
—
VDD
V
VLVR
LVR Voltage Level
—
LVR Enable� �.15V option
-5%
�.15
+5%
V
VLVD
LVD Voltage Level
—
LVDEN=1� VLVD=�.6V
-5%
�.6
+5%
V
VOL
Output Low Voltage for I/O Ports
5V
IOL=�0mA
—
—
0.5
V
VOH
Output High Voltage for I/O Ports
5V
IOH=-7.4mA
4.5
—
—
V
RPH
Pull-high Resistance for I/O Ports
5V
—
10
�0
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com