Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 47Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 48Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 49Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 50Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 51Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 52Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 53Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 54Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 171 page
background image
Rev. 1.10
50
�a� �0� �01�
Rev. 1.10
51
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheSLEEPorIDLEModefunctionorWatchdogTimer.Theresetflagsare
showninthetable:
TO
PDF
RESET Conditions
0
0
Power-on reset
u
u
LVR reset during NOR�AL or SLOW �ode operation
1
u
WDT time-out reset during NOR�AL or SLOW �ode operation
1
1
WDT time-out reset during IDLE or SLEEP �ode operation
“u” stands for unchanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset� WDT begins counting
Timer/Event Counter
T� modules will be turned off
Input/Output Ports
I/O ports will be setup as inputs� and AN0~AN7 is as A/D input pin.
Stack Pointer
Stack Pointer will point to the top of the stack
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.Notethat
wheremorethanonepackagetypeexiststhetablewillreflectthesituationforthelargerpackage
type.
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
LVR Reset
WDT Time-out
(IDLE)
�P0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
�P1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
---- ---0
---- ---0
---- ---0
---- ---u
ACC
xxxx xxxx
uuuu uuuu
xxxx xxxx
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
xxxx xxxx
uuuu uuuu
TBLH
-xxx xxxx
-uuu uuuu
-xxx xxxx
-uuu uuuu
TBHP
---- xxxx
---- uuuu
---- xxxx
---- uuuu
STATUS
--00 xxxx
--1u uuuu
--uu xxxx
--11 uuuu
S�OD
0000 0011
0000 0011
0000 0011
uuuu uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu –uuu
LVRC
0101 0101
0101 0101
0101 0101
uuuu uuuu
WDTC
0101 0011
0101 0011
0101 0011
uuuu uuuu
TBC
0011 0111
0011 0111
0011 0111
uuuu uuuu
INTC0
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC�
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC�
0000 0000
0000 0000
0000 0000
uuuu uuuu
�FI0
-000 -000
-000 -000
-000 -000
-uuu -uuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com