Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 99Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 100Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 101Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 102Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 103Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 104Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 105Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 106Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 171 page
background image
Rev. 1.10
10�
�a� �0� �01�
Rev. 1.10
10�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
PWM Register Description
OverallPWMoperationiscontrolledbyaseriesofregisters.TheDUTRL/DUTRHregisterpair
isusedforPWMdutycontrolforadjustmentofthemotoroutputpower.ThePRDRL/PRDRH
registerpairareusedtogethertoforma10-bitvaluetosetupthePWMperiodforPWMFrequency
adjustment.BeingabletochangethePWMfrequencyisusefulformotorcharacteristicmatching
forproblemssuchasnoisereductionandresonance.ThePWMRL/PWMRHregistersareusedto
monitorthePWMcounterdynamically.ThePWMONbitinthePWMCregisteristhe10-bitPWM
counteron/offbit.ThePWMclocksourceforthePWMcountercanbeselectedbyPCKS1~PCKS0
bitsinthePWMCregister.ItshouldbenotedthattheorderofwritingdatatoPWMregisterisMSB.
PWMC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
PCKS1
PCKS0
PW�ON
—
—
GATSEL
R/W
—
—
R/W
R/W
R/W
—
—
R/W
POR
—
—
0
0
0
—
—
0
Bit7~6
Unimplemented,readas"0"
Bit 5~4
PCKS1, PCKS0:
ClocksourceofthePWMcounterselect
000: fPWM,PWMfrequencyMin.=20kHz,fPWMbaseon20MHz
001: fPWM/2,PWMfrequencyMin.=10kHz
010: fPWM/4,PWMfrequencyMin.=5kHz
011: fPWM/8,PWMfrequencyMin.=2.5kHz
Bit 3
PWMON:
PWMCircuitOn/Offcontrol
0: Off
1: On
Thisbitcontrolstheoverallon/offfunctionofthePWM.Settingthebithighenables
thecountertorun,clearingthebitdisablesthePWM.Clearingthisbittozerowill
stopthecounterfromcountingandturnoffthePWMwhichwillreduceitspower
consumption.
Bit2~1
Unimplemented,readas"0"
Bit 0
GATSEL:
GATEDriveroutputselect
0:GAT/GAB/GBT/GBB/GCT/GCBareusedforGatedriveroutputpins
1:GAT/GAB/GBT/GBB/GCT/GCBareusedasPC[5:0]
DUTRL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
10-bitPWMDutyregisterlowbyteregisterbit7~bit0
10-bitDUTRregisterbit7~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com