Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 13Page - Texas Instruments UCD3138RHAT Datasheet HTML 14Page - Texas Instruments UCD3138RHAT Datasheet HTML 15Page - Texas Instruments UCD3138RHAT Datasheet HTML 16Page - Texas Instruments UCD3138RHAT Datasheet HTML 17Page - Texas Instruments UCD3138RHAT Datasheet HTML 18Page - Texas Instruments UCD3138RHAT Datasheet HTML 19Page - Texas Instruments UCD3138RHAT Datasheet HTML 20Page - Texas Instruments UCD3138RHAT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS (continued)
V33A = V33D = V33DIO = 3.3V; 1
μF from VREG to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
DIGITAL INPUTS/OUTPUTS(2)(3)
DGND +
VOL
Low-level output voltage(4)
IOH = 6 mA, V33DIO = 3 V
V
0.25
V33DIO
VOH
High-level output voltage (4)
IOH = –6 mA, V33DIO = 3 V
V
– 0.6
VIH
High-level input voltage
V33DIO = 3 V
2.1
V
VIL
Low-level input voltage
V33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
-4
mA
SYSTEM PERFORMANCE
Time to disable DPWM output based on
High level on FAULT pin
70
ns
active FAULT pin signal
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital compensator delay(5)
(1 clock = 32ns)
6
clocks
VDD
Slew minimum VDD slew rate
VDD slew rate between 2.3 V and 2.9 V
0.25
V/ms
t(reset)
Pulse width needed at reset
10
µs
Retention period of flash content (data
TJ = 25°C
100
years
retention and program)
Program time to erase one page in data
TJ = 25°C
20
ms
flash or program flash
Program time to write one word n data
TJ = 25°C
25
µs
flash or program flash
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
Sync-in/sync-out pulse width
256
ns
Flash Read
1
MCLKs
Flash Write
30
μs
Block Erase
20
ms
ISHARE
Current share current source
238
259
μA
RSHARE
Current share resistor
9.75
10.3
k
Ω
POWER ON RESET AND BROWN OUT
VGH
Voltage good High
2.7
V
VGL
Voltage good Low
2.5
V
Vres
Voltage at which IReset signal is valid
0.8
V
Time delay after Power is good or
TPOR
1
ms
RESET* relinquished
Internal signal warning of brownout
Brownout
2.9
V
conditions
TEMPERATURE SENSOR(6)
VTEMP
Voltage range of sensor
1.46
2.44
V
Voltage resolution
Volts/°C
5.9
mV/ºC
Temperature resolution
Degree C per bit
0.7
ºC/LSB
Accuracy(6)(7)
-40°C to 125°C
-10
±5
10
ºC
Temperature range
-40°C to 125°C
–40
125
ºC
(2)
DPWM outputs are low after reset. Other GPIO pins are configured as inputs after reset.
(3)
On the 40 pin package V33DIO is connected to V33D internally.
(4)
The maximum total current, IOHmax and IOLmax for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop
specified. Maximum sink current per pin = –6 mA at VOL; maximum source current per pin = 6 mA at VOH.
(5)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay must be
accounted for when calculating the system dynamic response.
(6)
Characterized by design and not production tested.
(7)
Ambient temperature offset value should be used from the TEMPSENCTRL register to meet accuracy.
Copyright © 2012, Texas Instruments Incorporated
Electrical Specifications
17
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com