Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 55 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 51Page - Texas Instruments UCD3138RHAT Datasheet HTML 52Page - Texas Instruments UCD3138RHAT Datasheet HTML 53Page - Texas Instruments UCD3138RHAT Datasheet HTML 54Page - Texas Instruments UCD3138RHAT Datasheet HTML 55Page - Texas Instruments UCD3138RHAT Datasheet HTML 56Page - Texas Instruments UCD3138RHAT Datasheet HTML 57Page - Texas Instruments UCD3138RHAT Datasheet HTML 58Page - Texas Instruments UCD3138RHAT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
EXT CAP
AD02
R1
Digital
R
0
I const
ADC12 &
CMP
ADC12 &
CMP
ESD
ESD
ESD RES
R2
ESD
AD13
3.3 V
3.3 V
q2
q1
3.3 V
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
4.21.1 JTAG Use for I/O and JTAG Security
The UCD3138 provides a JTAG interface for debugging and for uploading data and programs. The pins
are multiplexed with other pins, and will not be available in certain topologies. For power supplies, other
debugging techniques (PMBus, UART, code instrumentation) are often superior to JTAG. Code
downloading is much faster via PMBus, or with a user boot program via UART. PMBus support is
available from TI. JTAG for debugging has limited support from TI’s Code Composer Studio. JTAG
parameter download may be supported by third parties.
4.22 Current Sharing Control
UCD3138 provides three separate modes of current sharing operation.
•
Analog bus current sharing
•
PWM bus current sharing
•
Master/Slave current sharing
The simplified current sharing circuitry is shown in the drawing below:
FOR TEST ONLY,
CURRENT SHARING MODE
CS_MODE
EN_SW1
EN_SW2
DPWM
ALWAYS KEEP 00
Off or Slave Mode (3-state)
00
00 (default)
0
0
0
PWM Bus
00
01
1
0
ACTIVE
Off or Slave Mode (3-state)
00
10
0
0
0
Analog Bus or Master
00
11
0
1
0
The period and the duty of 8-bit PWM current source and the state of the SW1 and SW2 switches can be
controlled through the current sharing control register (CSCTRL).
4.23 Temperature Reference
The temperature reference register (TEMPREF) provides the ADC12 count when ADC12 measures the
internal temperature sensor (channel 14) during the factory trim and calibration.
This information can be used by different periodic temperature compensation routines implemented in the
firmware. But it should not be overwritten by firmware, otherwise this factory written value will be lost.
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
55
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com