Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 10Page - Texas Instruments UCD3138RHAT Datasheet HTML 11Page - Texas Instruments UCD3138RHAT Datasheet HTML 12Page - Texas Instruments UCD3138RHAT Datasheet HTML 13Page - Texas Instruments UCD3138RHAT Datasheet HTML 14Page - Texas Instruments UCD3138RHAT Datasheet HTML 15Page - Texas Instruments UCD3138RHAT Datasheet HTML 16Page - Texas Instruments UCD3138RHAT Datasheet HTML 17Page - Texas Instruments UCD3138RHAT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
2.8
Pin Functions
Additional pin functionality is specified in the following table.
Table 2-2. Pin Functions
ALTERNATE ASSIGNMENT
CONFIGURABLE
PIN
NAME
PRIMARY ASSIGNMENT
AS A GPIO?
NO. 1
NO. 2
NO. 3
1
AGND
Analog ground
2
AD13
12-bit ADC, Ch 13, Connected to comparator E, I-share
3
AD06
12-bit ADC, Ch 6, Connected to comparator F
4
AD04
12-bit ADC, Ch 4, Connected to comparator D
5
AD03
12-bit ADC, Ch 3, Connected to comparator B & C
6
DGND
Digital ground
7
RESET
Device Reset Input, active low
8
ADC_EXT_TRIG
ADC conversion external trigger input
TCAP
SYNC
PWM0
Yes
9
PMBUS_CLK
PMBUS Clock (Open Drain)
SCI_TX0
Yes
10
PMBUS_DATA
PMBus data (Open Drain)
SCI_RX0
Yes
11
DPWM0A
DPWM 0A output
Yes
12
DPWM0B
DPWM 0B output
Yes
13
DPWM1A
DPWM 1A output
Yes
14
DPWM1B
DPWM 1B output
Yes
15
DPWM2A
DPWM 2A output
Yes
16
DPWM2B
DPWM 2B output
Yes
17
DWPM3A
DPWM 3A output
Yes
18
DPWM3B
DPWM 3B output
Yes
19
PMBUS_ALERT
PMBus Alert (Open Drain)
Yes
20
PMBUS_CTRL
PMBus Control (Open Drain)
Yes
21
TCK
JTAG TCK
TCAP
SYNC
PWM0
Yes
22
TDO
JTAG TDO
SCI_TX0
PMBUS_A
FAULT0
Yes
LERT
23
TDI
JTAG TDI
SCI_RX0
PMBUS_C
FAULT1
Yes
TRL
24
TMS
JTAG TMS
Yes
25
FAULT2
External fault input 2
Yes
26
DGND
Digital ground
27
V33D
Digital 3.3V core supply
28
BP18
1.8V Bypass
29
AGND
Substrate analog ground
30
AGND
Analog ground
31
EAP0
Channel #0, differential analog voltage, positive input
32
EAN0
Channel #0, differential analog voltage, negative input
33
EAP1
Channel #1, differential analog voltage, positive input
34
EAN1
Channel #1, differential analog voltage, negative input
35
EAP2
Channel #2, differential analog voltage, positive input
36
AGND
Analog ground
37
V33A
Analog 3.3V supply
38
AD00
12-bit ADC, Ch 0, Connected to current source
39
AD01
12-bit ADC, Ch 1, Connected to current source
40
AD02
12-bit ADC, Ch 2, Connected to comparator A, I-share
14
Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com