Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 28 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 24Page - Texas Instruments UCD3138RHAT Datasheet HTML 25Page - Texas Instruments UCD3138RHAT Datasheet HTML 26Page - Texas Instruments UCD3138RHAT Datasheet HTML 27Page - Texas Instruments UCD3138RHAT Datasheet HTML 28Page - Texas Instruments UCD3138RHAT Datasheet HTML 29Page - Texas Instruments UCD3138RHAT Datasheet HTML 30Page - Texas Instruments UCD3138RHAT Datasheet HTML 31Page - Texas Instruments UCD3138RHAT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
•
Shadow period register for end of period updates.
•
Quad-event
control
registers
(A
and
B,
rising
and
falling)
(Events
1-4)
– Used for on/off PWM duty ratio updates.
•
Phase control relative to other DPWM modules
•
Sample trigger placement for output voltage sensing at any point during the PWM cycle.
•
Support for 2 independent edge placement PWM outputs (same frequency or period setting)
•
Dead-time between PWM A and B outputs
•
High Resolution capabilities – 250 ps
•
Pulse cycle adjustment of up to ±8.192 µs ( 32768 × 250 ps)
•
Active high/ active low output polarity selection
•
Provides events to trigger both CPU interrupts and start of ADC conversions.
4.4.1.3
DPWM Events
Each DPWM can control the following timing events:
1. Sample Trigger Count–This register defines where the error voltage is sampled by the EADC in
relationship to the PWM period. The programmed value set in the register should be one fourth of the
value calculated based on the PWM clock. As the DCLK (DCLK = 62.5 MHz max) controlling the
circuitry runs at one fourth of the PWM clock (PCLK = 250MHz max). When this sample trigger count
is equal to the PWM Counter, it initiates a front end calculation by triggering the EADC, resulting in a
CLA calculation, and a DPWM update. Over-sampling can be set for 2, 4 or 8 times the sampling rate.
2. Phase Trigger Count–count offset for slaving another DPWM (Multi-Phase/Interleaved operation).
3. Period–low resolution switching period count. (count of PCLK cycles)
4. Event 1–count offset for rising PWM A event. (Count of PCLK cycles)
5. Event 2–PWM count for falling PWM A event that sets the duty ratio. Last 4 bits of the register are for
high resolution control. Upper 14 bits are the number of PCLK cycle counts.
6. Event 3–PWM count for rising PWM B event. Last 4 bits of the register are for high resolution control.
Upper 14 bits are the number of PCLK cycle counts.
7. Event 4–PWM count for falling PWM B event. Last 4 bits of the register are for high resolution control.
Upper 14 bits are the number of PCLK cycle counts.
8. Cycle Adjust–Constant offset for Event 2 and Event 4 adjustments.
Basic comparisons between the programmed registers and the PWM counter can create the desired edge
placements in the DPWM. High resolution edge capability is available on Events 2, 3 and 4.
28
Functional Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com