Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 52 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 48Page - Texas Instruments UCD3138RHAT Datasheet HTML 49Page - Texas Instruments UCD3138RHAT Datasheet HTML 50Page - Texas Instruments UCD3138RHAT Datasheet HTML 51Page - Texas Instruments UCD3138RHAT Datasheet HTML 52Page - Texas Instruments UCD3138RHAT Datasheet HTML 53Page - Texas Instruments UCD3138RHAT Datasheet HTML 54Page - Texas Instruments UCD3138RHAT Datasheet HTML 55Page - Texas Instruments UCD3138RHAT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
4.15.4.2 16-Bit PWM Timers
There are four 16 bit counter PWM timers which run off the Interface Clock and can further be divided
down by a 8-bit pre-scaler to generate slower PWM time periods. Each timer has two compare registers
(Data Registers) for generating the PWM set/unset events. Additionally, each timer has a shadow register
(Data Buffer register) which can be used to store CPU updates of compare events while still using the
timer. The selected shadow register update mode happens after the compare event matches.
The counter reset can be configured to happen on a counter roll over, a compare equal event, or by a
software controlled register. Interrupts from the PWM timer can be set due to the counter rollover event
(overflow) or by the two comparison match events. Each comparison match and the overflow interrupts
can be disabled or enabled.
Upon an event comparison, the PWM pin can be configured to set, clear, toggle or have no action at the
output. The value of PWM pin output can be read for status or simply configured as General Purpose I/O
for reading the value of the input at the pin.
4.15.4.3 Watchdog Timer
A watchdog timer is provided on the device for ensuring proper firmware loop execution. The timer is
clocked off of a separate low speed oscillator source for providing a timeout range between 10 ms and 1.3
s. If the timer is allowed to expire, a reset condition is issued to the ARM processor. The watchdog is reset
by a simple CPU write bit to the watchdog key register by the firmware routine. On device power-up the
watchdog is disabled. Yet after it is enabled, the watchdog cannot be disabled by firmware. Only a device
reset can put this bit back to the default disabled state. A half timer flag is also provided for status
monitoring of the watchdog.
4.16 Miscellaneous Analog
The Miscellaneous Analog Control (MAC) Registers are a catch-all of registers that control and monitor a
wide variety of functions. These functions include device supervisory features such as Brown-Out and
power saving configuration, general purpose input/output configuration and interfacing, internal
temperature sensor control and current sharing control.
The MAC module also provides trim signals to the oscillator and AFE blocks. These controls are usually
used at the time of trimming at manufacturing; therefore this document will not cover these trim controls.
The MAC registers and peripherals are all available in the UCD3138 (64 pin version). Other UCD31xx
devices may have reduced resources. See the device pin out description for details.
4.17 Package ID Information
Package ID register includes information regarding the package type of the device and can be read by
firmware for reporting through PMBus or for other package sensitive decisions.
BIT NUMBER
1:0
Bit Name
PKG_ID
Access
R/W
Default
00
4.18 Brownout
Brownout function is used to determine if the device supply voltage is lower than a threshold voltage, a
condition that may be considered unsafe for proper operation of the device.
The brownout threshold is higher than the reset threshold voltage; therefore, when the supply voltage is
lower than brownout threshold, it still does not necessarily trigger a device reset.
The brownout interrupt flag can be polled or alternatively can trigger an interrupt to service such case by
an interrupt service routine. Please see the Power On Reset (POR) / Brown Out Reset (BOR) section.
52
Functional Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com