Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 51 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 47Page - Texas Instruments UCD3138RHAT Datasheet HTML 48Page - Texas Instruments UCD3138RHAT Datasheet HTML 49Page - Texas Instruments UCD3138RHAT Datasheet HTML 50Page - Texas Instruments UCD3138RHAT Datasheet HTML 51Page - Texas Instruments UCD3138RHAT Datasheet HTML 52Page - Texas Instruments UCD3138RHAT Datasheet HTML 53Page - Texas Instruments UCD3138RHAT Datasheet HTML 54Page - Texas Instruments UCD3138RHAT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
16 ADC
Channels
S/H
12-bit SAR
ADC
12-bit SAR
ADC
ADC12 Block
ADC12
Control
ADC Channel[15:0]
ADC
Averaging
Digital
Comparators
DPWM
Modules
ADC12 Registers
Analog
Comparators
ADC External Trigger (from pin)
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
Figure 4-4. ADC12 Control Block Diagram
4.15.4 Timers
External to the Fusion Digital Power Peripherals there are 3 different types of timers in UCD3138. They
are the 24-bit timer, 16-bit timer and the Watchdog timer
4.15.4.1 24-bit PWM Timer
There is one 24 bit counter PWM timer which runs off the Interface Clock and can further be divided down
by an 8-bit pre-scalar to generate a slower PWM time period. The timer has two compare registers (Data
Registers) for generating the PWM set/unset events. Additionally, the timer has a shadow register (Data
Buffer register) which can be used to store CPU updates of the compare events while still using the timer.
The selected shadow register update mode happens after the compare event matches.
The two capture pins TCMP0 and TCMP1 are inputs for recording a capture event. A capture event can
be set either to rising, falling, or both edges of the capture pin. Upon this event, the counter value is stored
in the corresponding capture data register.
The counter reset can be configured to happen on a counter roll over, a compare equal event, or by
software controlled register. Five Interrupts from the PWM timer can be set, which are the counter rollover
event (overflow), either capture event 0 or 1, or the two comparison match events. Each interrupt can be
disabled or enabled.
Upon an event comparison on only the second event, the TCMP pin can be configured to set, clear, toggle
or have no action at the output. The value of PWM pin output can be read for status or simply configured
as general purpose I/O for reading the value of the input at the pin. The first compare event can only be
used as an interrupt.
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
51
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com