Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 45 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 41Page - Texas Instruments UCD3138RHAT Datasheet HTML 42Page - Texas Instruments UCD3138RHAT Datasheet HTML 43Page - Texas Instruments UCD3138RHAT Datasheet HTML 44Page - Texas Instruments UCD3138RHAT Datasheet HTML 45Page - Texas Instruments UCD3138RHAT Datasheet HTML 46Page - Texas Instruments UCD3138RHAT Datasheet HTML 47Page - Texas Instruments UCD3138RHAT Datasheet HTML 48Page - Texas Instruments UCD3138RHAT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
X
24
24
24
Ki_yn reg
Kp Coef
Xn-1 Reg
Xn
16
24
<>
9
9
16
24
24
24
24
24
24
Clamp
Kd yn_reg
Kd alpha
9
16
9
24
24
24
24
P
I
D
Limit Comparator
PID Filter Branch
Stages
Ki High
EADC_DATA
9
9
9
9
24
32
Ki Coef
Kd coef
Limit 5
9
9
Limit 6
…..
Limit 0
Coefficient
select
Ki Low
Optional
Selected
by
KI_ADDER_
MODE
Clamp
X
X
X
+
-
+
+
Round
1
-
-
n
n
X
X
9
P
26
I
D
24
All are S0.23
+
24
24
Saturate
Yn
S2.23
S0.23
24
Shifter
S0.23
24
Yn Scale
Clamp
S0.23
24
Filter Yn
Clamp High
Filter Yn
Clamp Low
Filter Yn
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
Here is the first section of the Filter:
The filter input, Xn, generally comes from a front end. Then there are three branches, P, I. and D. Note
that the D branch also has a pole, Kd Alpha. Clamps are provided both on the I branch and on the D
alpha pole.
The filter also supports a nonlinear mode, where up to 7 different sets of coefficients can be selected
depending on the magnitude of the error input Xn. This can be used to increase the filter gain for higher
errors to improve transient response.
Here is the output section of the filter:
This section combines the P, I, and D sections, and provides for saturation, scaling, and clamping.
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
45
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com