Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 16Page - Texas Instruments UCD3138RHAT Datasheet HTML 17Page - Texas Instruments UCD3138RHAT Datasheet HTML 18Page - Texas Instruments UCD3138RHAT Datasheet HTML 19Page - Texas Instruments UCD3138RHAT Datasheet HTML 20Page - Texas Instruments UCD3138RHAT Datasheet HTML 21Page - Texas Instruments UCD3138RHAT Datasheet HTML 22Page - Texas Instruments UCD3138RHAT Datasheet HTML 23Page - Texas Instruments UCD3138RHAT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
TPOR
undefined
I
Reset
TPOR
VGH
VGL
Vres
t
t
V33D
3.3 V
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Figure 3-2. Bus timing in Extended Mode
3.6
Power On Reset (POR) / Brown Out Reset (BOR)
Figure 3-3. Power On Reset (POR) / Brown Out Reset (BOR)
VGH
– This is the V33D threshold where the internal power is declared good. The UCD3138 comes
out of reset when above this threshold.
VGL
– This is the V33D threshold where the internal power is declared bad. The device goes into
reset when below this threshold.
Vres
– This is the V33D threshold where the internal reset signal is no longer valid. Below this
threshold the device is in an indeterminate state.
IReset
– This is the internal reset signal. When low, the device is held in reset. This is equivalent to
holding the reset pin on the IC high.
TPOR
– The time delay from when VGH is exceeded to when the device comes out of reset.
20
Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com