Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 5Page - Texas Instruments UCD3138RHAT Datasheet HTML 6Page - Texas Instruments UCD3138RHAT Datasheet HTML 7Page - Texas Instruments UCD3138RHAT Datasheet HTML 8Page - Texas Instruments UCD3138RHAT Datasheet HTML 9Page - Texas Instruments UCD3138RHAT Datasheet HTML 10Page - Texas Instruments UCD3138RHAT Datasheet HTML 11Page - Texas Instruments UCD3138RHAT Datasheet HTML 12Page - Texas Instruments UCD3138RHAT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Front End 0
Analog
Comparators
Power and
1.8 V Voltage
Regulator
AD07
AD06
AD04
V33DIO
/RESET
SCI_RX0
SCI_TX0
PMBUS_CLK
PMBUS_DATA
AGND
V33D
VREG
FAULT3
FAULT2
TCAP
TMS
TDI
TDO
TCK
EXT_INT
FAULT1
FAULT0
PWM1
PWM0
SCI_RX1
SCI_TX1
PMBUS_CTRL
PMBUS_ALERT
SYNC
DGND
DPWM3B
DPWM3A
DPWM2B
DPWM2A
DPWM1B
DPWM1A
DPWM0B
DPWM0A
EAP0
EAN0
EAP1
EAN1
EAP2
EAN2
V33A
AD00
AD01
AD02
AD13
DAC0
EADC
Soft Start Control
PID Based
Filter 0
DPWM0
DPWM1
DPWM2
DPWM3
PID Based
Filter 1
PID Based
Filter 2
ADC_EXT_TRIG
ADC12
ADC12 Control
Sequencing, Averaging,
Digital Compare, Dual
Sample and hold
AD[13:0]
A
B
C
D
E
F
G
Current Share
Analog, Average, Master/Slave
AD03
AD02
AD13
AGND
PMBus
Timers
4 – 16 bit (PWM)
1 – 24 bit
UART0
UART1
GPIO
Control
JTAG
Loop MUX
ARM7TDMI-S
32 bit, 31.25 MHz
Memory
PFLASH 32 kB
DFLASH 2 kB
RAM 4 kB
ROM 4 kB
Power On Reset
Brown Out Detection
Oscillator
Internal Temperature
Sensor
Advanced Power Control
Mode Switching, Burst Mode, IDE,
Synchronous Rectification soft on & off
Front End 1
Front End 2
Filter 1 or 2 (Loop Nesting)
CPCC Module
Additional peripherals exist for analog peak current mode control.
Constant Power Constant
Current
Input Voltage Feed Forward
Front End Averaging
Digital Comparators
Fault MUX &
Control
Cycle by Cycle
Current Limit
Digital
Comparators
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
2.4
Functional Block Diagram
Copyright © 2012, Texas Instruments Incorporated
Overview
9
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com