Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 14Page - Texas Instruments UCD3138RHAT Datasheet HTML 15Page - Texas Instruments UCD3138RHAT Datasheet HTML 16Page - Texas Instruments UCD3138RHAT Datasheet HTML 17Page - Texas Instruments UCD3138RHAT Datasheet HTML 18Page - Texas Instruments UCD3138RHAT Datasheet HTML 19Page - Texas Instruments UCD3138RHAT Datasheet HTML 20Page - Texas Instruments UCD3138RHAT Datasheet HTML 21Page - Texas Instruments UCD3138RHAT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
V33A = V33D = V33DIO = 3.3V; 1
μF from VREG to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ITEMP
Current draw of sensor when active
30
μA
TON
Turn on time / settling time of sensor
100
μs
VAMB
Ambient temperature
Trimmed 25°C reading
1.85
V
ANALOG COMPARATOR
DAC
Reference DAC Range
0
2.5
V
Reference Voltage
2.478
2.5
2.513
V
Bits
7
bits
INL(6)
-0.42
0.21
LSB
DNL(6)
0.06
0.12
LSB
Offset
-5.5
19.5
mV
Time to disable DPWM output based on 0
V to 2.5 V step input on the analog
150
ns
comparator.(8)
Reference DAC buffered output load(9)
0.5
1
mA
Buffer offset (-0.5 mA)
4.6
8.3
mV
Buffer offset (1.0 mA)
-0.05
17
mV
(8)
As designed and characterized. Not 100% tested in production.
(9)
Available from reference DACs for comparators D, E, F and G.
18
Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com