Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 15Page - Texas Instruments UCD3138RHAT Datasheet HTML 16Page - Texas Instruments UCD3138RHAT Datasheet HTML 17Page - Texas Instruments UCD3138RHAT Datasheet HTML 18Page - Texas Instruments UCD3138RHAT Datasheet HTML 19Page - Texas Instruments UCD3138RHAT Datasheet HTML 20Page - Texas Instruments UCD3138RHAT Datasheet HTML 21Page - Texas Instruments UCD3138RHAT Datasheet HTML 22Page - Texas Instruments UCD3138RHAT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
3.5
PMBus/SMBus/I
2C Timing
The timing characteristics and timing diagram for the communications interface that supports I2C, SMBus,
and PMBus in Slave or Master mode are shown in Table 3-1, Figure 3-1, and Figure 3-2. The numbers in
Table 3-1 are for 400 kHz operating frequency. However, the device supports all three speeds, standard
(100 kHz), fast (400 kHz), and fast mode plus (1 MHz).
Table 3-1. I2C/SMBus/PMBus Timing Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Typical values at TA = 25°C and VCC = 3.3 V (unless otherwise noted)
fSMB
SMBus/PMBus operating frequency
Slave mode, SMBC 50% duty cycle
10
400
kHz
fI2C
I2C operating frequency
Slave mode, SCL 50% duty cycle
10
400
kHz
t(BUF)
Bus free time between start and stop
1.3
ms
t(HD:STA)
Hold time after (repeated) start
0.6
ms
t(SU:STA)
Repeated start setup time
0.6
ms
t(SU:STO)
Stop setup time
0.6
ms
t(HD:DAT)
Data hold time
Receive mode
0
ns
t(SU:DAT)
Data setup time
100
ns
t(TIMEOUT)
Error signal/detect(1)
35
ms
t(LOW)
Clock low period
1.3
ms
t(HIGH)
Clock high period(2)
0.6
ms
Cumulative clock low slave extend
t(LOW:SEXT)
25
ms
time(3)
20 + 0.1
tf
Clock/data fall time
Rise time tr = (VILmax – 0.15) to (VIHmin + 0.15)
300
ns
Cb(4)
20 + 0.1
tr
Clock/data rise time
Fall time tf = 0.9 VDD to (VILmax – 0.15)
300
ns
Cb(4)
Cb
Total capacitance of one bus line
400
pF
(1)
The device times out when any clock low exceeds t(TIMEOUT).
(2)
t(HIGH), Max, is the minimum bus idle time. SMBC = SMBD = 1 for t > 50 ms causes reset of any transaction that is in progress. This
specification is valid when the NC_SMB control bit remains in the default cleared state (CLK[0] = 0).
(3)
t(LOW:SEXT) is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(4)
Cb (pF)
Figure 3-1. I2C/SMBus/PMBus Timing Diagram
Copyright © 2012, Texas Instruments Incorporated
Electrical Specifications
19
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com