Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 57 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 53Page - Texas Instruments UCD3138RHAT Datasheet HTML 54Page - Texas Instruments UCD3138RHAT Datasheet HTML 55Page - Texas Instruments UCD3138RHAT Datasheet HTML 56Page - Texas Instruments UCD3138RHAT Datasheet HTML 57Page - Texas Instruments UCD3138RHAT Datasheet HTML 58Page - Texas Instruments UCD3138RHAT Datasheet HTML 59Page - Texas Instruments UCD3138RHAT Datasheet HTML 60Page - Texas Instruments UCD3138RHAT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
5
IC Grounding and Layout Recommendations
•
Two grounds are recommended: AGND (analog) and DGND (digital).
–
AGND plane should be on a different layer than DGND, and right under the UCD3xxx device.
–
UCD3xxx power pad should be tied to AGND plane by at least 4 vias
–
AGND plane should be just large enough to connect to all required components.
–
Power ground (PGND) can be independent or combined with DGND
•
Both 3.3VD and 3.3VA should have a local 0.1µF capacitor placed as close as possible to the device
pins
•
BPCAP decoupling (2.2 µF typically) MUST be connected to DGND
•
All analog signal filter capacitors should be tied to AGND
–
If the UCD7201 or UCD7100 driver is used, the filter capacitor for the current sensing pin can be
tied to DGND for easy layout
•
All digital signals, such as GPIO, PMBus and PWM are referenced to DGND.
•
The RESET pin capacitor (0.1µF) should be connected to either DGND or AGND locally. A 10k
Ω pull-
up resistor to 3.3V is recommended.
•
All filter and decoupling capacitors should be placed close to UCD3xxx as possible
–
Resistor placement is less critical and can be moved a little further away
•
The DGND and AGND net-short resistor MUST be placed right between one UCD3xxx’s DGND pin
and one AGND pin. Ground connections to the net short element should be made by a large via (or
multiple paralleled vias) for each terminal of the net-short element.
•
If a UCD7201 or UCD7100 device is on the control card and there is a PGND connection, a net-short
resistor should be tied to the DGND plane and PGND plane by multiple vias. In addition the net-short
element should be close to the driver IC.
–
The power pad of the driver IC should be tied to DGND
Copyright © 2012, Texas Instruments Incorporated
IC Grounding and Layout Recommendations
57
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com