Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 47 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 43Page - Texas Instruments UCD3138RHAT Datasheet HTML 44Page - Texas Instruments UCD3138RHAT Datasheet HTML 45Page - Texas Instruments UCD3138RHAT Datasheet HTML 46Page - Texas Instruments UCD3138RHAT Datasheet HTML 47Page - Texas Instruments UCD3138RHAT Datasheet HTML 48Page - Texas Instruments UCD3138RHAT Datasheet HTML 49Page - Texas Instruments UCD3138RHAT Datasheet HTML 50Page - Texas Instruments UCD3138RHAT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
FAULT - CBC
FAULT - AB
FAULT -A
DCOMP – 4X
EXT GPIO – 4X
ACOMP – 7X
FAULT -B
FAULT MODULE
FAULT MODULE
FAULT MODULE
CYCLE BY CYCLE
AB FLAG
AB FLAG
A FLAG
B FLAG
DISABLE PWM A AND B
DISABLE PWM A AND B
DISABLE PWM A ONLY
DISABLE PWM B ONLY
FAULT MUX
ALL_FAULT_EN
DPWM_EN
DPWM
CBC_FAULT_EN
CBC_PWM_AB_EN
FAULT MODULE
DIG PCM
ANALOG PCM
Bit20 in DPWMCTRL0
Bit30 in DPWMFLTCTRL
Bit 31 in DPWMFLTCTRL
Bit0 in DPWMCTRL0
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
4.14.2 Fault Multiplexer
In order to allow a flexible way of mapping several fault triggering sources to all the DPWMs channels, the
UCD3138 provides an extensive array of multiplexers that are united under the name Fault Mux module.
The Fault Mux Module supports the following types of mapping between all the sources of fault and all
different fault response mechanism inside each DPWM module.
•
Many fault sources mapped to a single fault response mechanism. For instance an analog comparator
in charge of over voltage protection, a digital comparator in charge of over current protection and an
external digital fault pin can be all mapped to a fault-A signal connected to a single FAULT MODULE
and shut down DPWM1-A.
•
A single fault source can be mapped to many fault response mechanisms inside many DPWM
modules. For instance an analog comparator in charge of over current protection can be mapped to
DPWM-0 through DPWM-3 by way of several fault modules.
•
Many fault sources can be mapped to many fault modules inside many DPWM modules.
The Fault Mux Module provides a multitude of fault protection functions within the UCD3138 high-speed
loop (Front End Control, Filter, DPWM and Loop Mux modules). The Fault Mux Module allows highly
configurable fault generation based on digital comparators, high-speed analog comparators and external
fault pins. Each of the fault inputs to the DPWM modules can be configured to one or any combination of
the fault events provided in the Fault Mux Module.
Each one of the DPWM engines has four fault modules. The modules are called CBC fault module, AB
fault module, A fault module and B fault module.
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
47
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com