Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 30 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 26Page - Texas Instruments UCD3138RHAT Datasheet HTML 27Page - Texas Instruments UCD3138RHAT Datasheet HTML 28Page - Texas Instruments UCD3138RHAT Datasheet HTML 29Page - Texas Instruments UCD3138RHAT Datasheet HTML 30Page - Texas Instruments UCD3138RHAT Datasheet HTML 31Page - Texas Instruments UCD3138RHAT Datasheet HTML 32Page - Texas Instruments UCD3138RHAT Datasheet HTML 33Page - Texas Instruments UCD3138RHAT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
4.4.1.4
High Resolution PWM
Unlike conventional PWM controllers where the frequency of the clock dictates the maximum resolution of
PWM edges, the UCD3138 DPWM can generate waveforms with resolutions as small as 250 ps. This is
16 times the resolution of the clock driving the DPWM module.
This is achieved by providing the DPWM mechanism with 16 phase shifted clock signals of 250 MHz
each. The high resolution section of DPWM can be enabled or disabled, also the resolution can be defined
in several steps between 4ns to 250ps. This is done by setting the values of PWM_HR_MULTI_OUT_EN ,
HIRES_SCALE and ALL_PHASE_CLK_ENA inside the DPWM Control Register 1. See the Fusion Power
Peripherals programmer’s manual for details.
4.4.1.5
Over Sampling
The DPWM module has the capability to trigger an over sampling event by initiating the EADC to sample
the error voltage. The default “00” configuration has the DPWM trigger the EADC once based on the
sample trigger register value. The over sampling register has the ability to trigger the sampling 2, 4 or 8
times per PWM period. Thus the time the over sample happens is at the divide by 2, 4, or 8 time set in the
sampling register. The “01” setting triggers 2X over sampling, the “10” setting triggers 4X over sampling,
and the “11” triggers over sampling at 8X.
4.4.1.6
DPWM Interrupt Generation
The DPWM has the capability to generate a CPU interrupt based on the PWM frequency programmed in
the period register. The interrupt can be scaled by a divider ratio of up to 255 for developing a slower
interrupt service execution loop. This interrupt can be fed to the ADC circuitry for providing an ADC12
trigger for sequence synchronization. Table 4-2 outlines the divide ratios that can be programmed.
4.4.1.7
DPWM Interrupt Scaling/Range
Table 4-2. DPWM Interrupt Divide Ratio
Switching Period
Interrupt Divide Interrupt Divide
Interrupt Divide
Number of 32 MHz
Frames (assume 1MHz
Setting
Count
Count (hex)
Processor Cycles
loop)
1
0
00
1
32
2
1
01
2
64
3
3
03
4
128
4
7
07
8
256
5
15
0F
16
512
6
31
1F
32
1024
7
47
2F
48
1536
8
63
3F
64
2048
9
79
4F
80
2560
10
95
5F
96
3072
11
127
7F
128
4096
12
159
9F
160
5120
13
191
BF
192
6144
14
223
DF
224
7168
15
255
FF
256
8192
30
Functional Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com