Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 11Page - Texas Instruments UCD3138RHAT Datasheet HTML 12Page - Texas Instruments UCD3138RHAT Datasheet HTML 13Page - Texas Instruments UCD3138RHAT Datasheet HTML 14Page - Texas Instruments UCD3138RHAT Datasheet HTML 15Page - Texas Instruments UCD3138RHAT Datasheet HTML 16Page - Texas Instruments UCD3138RHAT Datasheet HTML 17Page - Texas Instruments UCD3138RHAT Datasheet HTML 18Page - Texas Instruments UCD3138RHAT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
3
Electrical Specifications
3.1
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
V33D
V33D to DGND
–0.3
3.8
V
V33DIO
V33DIO to DGND
–0.3
3.8
V
V33A
V33A to AGND
–0.3
3.8
V
|DGND –
Ground difference
0.3
V
AGND|
All Pins(2)
Voltage applied to any pin
–0.3
3.8
V
TOPT
Junction Temperature
–40
125
°C
TSTG
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Referenced to DGND
3.2
THERMAL INFORMATION
UCD3138
UCD3138
THERMAL METRIC
UNITS
64 PIN QFN
40 PIN
QFN
θJA
Junction-to-ambient thermal resistance
25.1
31.8
θJCtop
Junction-to-case (top) thermal resistance
10.5
18.5
θJB
Junction-to-board thermal resistance
4.6
6.8
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.2
ψJB
Junction-to-board characterization parameter
4.6
6.7
θJCbot
Junction-to-case (bottom) thermal resistance
1.2
1.8
3.3
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
V33D
Digital power
3.0
3.3
3.6
V
V33DIO
Digital I/O power
3.0
3.3
3.6
V33A
Analog power
3.0
3.3
3.6
V
TJ
Junction temperature
-40
-
125
°C
3.4
ELECTRICAL CHARACTERISTICS
V33A = V33D = V33DIO = 3.3V; 1
μF from VREG to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
I33A
6.3
mA
All GPIO and communication pins are
I33DIO
0.35
mA
open
I33D
ROM program execution
60
mA
I33D
Flash programming in ROM mode
70
mA
Total supply current with all peripherals
I33
100
mA
operating.
Copyright © 2012, Texas Instruments Incorporated
Electrical Specifications
15
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com