Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 23 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 23 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 19Page - Texas Instruments XTNETA1570MFP Datasheet HTML 20Page - Texas Instruments XTNETA1570MFP Datasheet HTML 21Page - Texas Instruments XTNETA1570MFP Datasheet HTML 22Page - Texas Instruments XTNETA1570MFP Datasheet HTML 23Page - Texas Instruments XTNETA1570MFP Datasheet HTML 24Page - Texas Instruments XTNETA1570MFP Datasheet HTML 25Page - Texas Instruments XTNETA1570MFP Datasheet HTML 26Page - Texas Instruments XTNETA1570MFP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
23
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
reassembly overview (continued)
If the VPI is on, the DMA entry is enabled, the wait on EOP is cleared, the VCI is in range, and the TNETA1570
owns the free buffer, the TNETA1570 begins the reassembly process for the incoming cell.
Word 0 of the free-buffer descriptor is copied to word 2 of the DMA state table entry to get the start-buffer
address. If the receive free-buffer rings are used, the lower 16 bits of word 3 in the state table, the current
data-byte count, is copied from word 1 of the appropriate receive free-buffer ring-pointer entry. If the receive
free-buffer FIFO is used, the lower 16 bits of word 3 in the state table are copied from the FIFO free-buffer-size
register. If the cell is a SOP, word 0 of the descriptor entry is copied to word 4 of the state table to keep track
of the first buffer in the packet. When this is completed, transfer of the cell to host memory occurs.
The current-data-byte count is decremented by one for each cell transmitted to the host. If the current-data-byte
count reaches zero and an EOP has not yet arrived, a new buffer is fetched either from the free-buffer ring or
the FIFO.
The TNETA1570 can be configured to reassemble either AAL5 or transparent-AAL packets. Whether a DMA
state table entry performs AAL5, PTI-based-transparent AAL, or counter-based-transparent AAL, processing
is set by the host at initialization. If the cell belongs to an AAL5 packet, the CRC value is calculated and the trailer
is extracted and posted in the completion ring. Incoming VC-level OAM cells are reserved for DMA channels
0 and 1. VP-level OAM cells are routed to DMA channel 2. No other incoming packets can use these channels.
AAL5 packets are terminated upon detection of EOP.
Two methods of terminating transparent-AAL packets are provided. The first method uses the PTI bits to
indicate EOP. This method uses a PTI value of 0
× 1 to initiate EOP processing. The second method uses a
counter to count the number of transparent-AAL cells that have been received. Once the counter equals a
predetermined value, the device performs EOP processing. For both methods, the 32-bit CRC, packet abort,
and packet-overflow checks are disabled. In addition, reassembly aging is not performed on receive channels
configured to reassemble transparent-AAL packets using the counter-based method. Receive channels using
the PTI field to determine EOP allows reassembly aging and can experience a time-out. For the PTI-based
scheme, the reassembly time-out provides a method of detecting that the cell containing the EOP indication has
been dropped or lost somewhere in the transmission path.
When the reassembly of a packet is complete, an entry is posted to either the completion rings with or without
interrupt. The ATM header is written to word 0 of the RX completion ring. If the EOP processing started because
of an error condition, that information is posted, along with the packet-byte count and the congestion-cell count,
to word 1. Word 4 of the DMA state table, which holds the SOP pointer, is copied to word 2 of the completion-ring
entry. If the reassembled packet is AAL5, the AAL5 trailer is copied to word 3. Word 6 of the DMA state table,
which contains the free-buffer FIFO pointer/RX free-buffer-ring pointer, is copied to word 4 of the RX
completion-ring entry.
The EOP bit, bit 30 of word 1 in the RX buffer-descriptor entry, is set in the last buffer in a packet during EOP
processing. EOP processing occurs for normal termination of a packet, a RX packet-aging time-out, AAL5 SDU
overflow, abort or buffer starvation. Packet aging is provided to age the packets that are in the reassembly
process. This option is programmable both on global and local level. This feature is intended to be invoked if
a packet fails to proceed to EOP processing because of an error condition in the network.
At initialization, the reassembly-global-aging timer is loaded and a time-out value is written to each DMA state
table entry. When the global counter reaches zero, the TNETA1570 reads the address register to get the DMA
state table to age. If the state table is active, word 7 is read to obtain the time-out value and the current time-out
count. If a time-out has occurred, EOP processing begins immediately. If a time-out has not occurred, the current
time-out count is incremented. If the state table is not active, the current time-out count is not incremented. The
TNETA1570 performs HEC checking for the incoming cell. If a HEC error is detected, the cell is dropped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com