Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 53 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 53 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 49Page - Texas Instruments XTNETA1570MFP Datasheet HTML 50Page - Texas Instruments XTNETA1570MFP Datasheet HTML 51Page - Texas Instruments XTNETA1570MFP Datasheet HTML 52Page - Texas Instruments XTNETA1570MFP Datasheet HTML 53Page - Texas Instruments XTNETA1570MFP Datasheet HTML 54Page - Texas Instruments XTNETA1570MFP Datasheet HTML 55Page - Texas Instruments XTNETA1570MFP Datasheet HTML 56Page - Texas Instruments XTNETA1570MFP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
device command and status registers (continued)
The status register allows the host to monitor the condition of the peripheral device. The individual bits within
the status register are defined in the following table.
BIT
NAME
FUNCTION
RESET
VALUE
0− 6
Reserved
Always return 0
0
7
Fast back-to-back
enable
This bit indicates that the device is capable of performing fast back-to-back transactions. The
TNETA1570 does not support fast back-to-back transactions; therefore, this bit is hardwired
to 0.
0
8
Data parity reported
This bit is set by the PCI-master unit in the TNETA1570 when all of the following conditions are
met:
D
The TNETA1570 asserted PERR or observed PERR asserted.
D
The TNETA1570 PCI-master unit is the bus master during the observed PERR.
D
The parity-error-response bit (command-register bit 6) is set.
0
9,10
DEVSEL timing
This bit indicates the decode-response-time capability of the device. The TNETA1570 decode
logic supports medium DEVSEL timing; therefore, these bits are hardwired to 01.
0
11
Signaled target abort
This bit is set by the PCI-slave unit in the TNETA1570 to indicate that it has initiated a target abort.
0
12
Received-target abort
This bit is set by the PCI-master unit in the TNETA1570 to indicate that it has received a target
abort when acting as a bus master.
0
13
Initiated-master abort
This bit is set by the PCI-master unit in the TNETA1570 to indicate that It has initiated a master
abort.
0
14
Signaled system error
This bit is set by the TNETA1570 to indicate that it signaled a system error on SERR.
0
15
Detected parity error
This bit is set by the TNETA1570 to indicate that it detected a parity error, which was not
necessarily reported on PPERR if parity reporting is disabled.
0
cache-line-size register
This register enables the host to inform the device of the cache-line size for the usage of the write and invalidate
PCI command. The TNETA1570 does not support the write and Invalidate command as a master so this register
is not implemented and returns all zeroes when read.
latency-timer register
The latency-timer register is provided so that the host can restrict the continued usage of the PCI bus by a master
involved in a multiple data-cycle transaction after its PGNT has been removed. The host is required to write a
value into this register indicating the maximum number of PCI cycles that the master can hold the bus (beginning
from the assertion of PFRAME). If PGNT is never removed during the transaction, the value in the latency-timer
value is not used. Since the TNETA1570 supports transactions with multiple data cycles, the latency-timer
register is implemented. The latency-timer register is initialized with all zeroes at reset. This register is not
cleared on software reset.
built-in self-test (BIST) register
BIST is not supported by the TNETA1570. Reading this register returns all zeroes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com