Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 39 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 39 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 35Page - Texas Instruments XTNETA1570MFP Datasheet HTML 36Page - Texas Instruments XTNETA1570MFP Datasheet HTML 37Page - Texas Instruments XTNETA1570MFP Datasheet HTML 38Page - Texas Instruments XTNETA1570MFP Datasheet HTML 39Page - Texas Instruments XTNETA1570MFP Datasheet HTML 40Page - Texas Instruments XTNETA1570MFP Datasheet HTML 41Page - Texas Instruments XTNETA1570MFP Datasheet HTML 42Page - Texas Instruments XTNETA1570MFP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
word 6
ON (bit 31)
FILTER (bit 30)
Free-Buffer FIFO Pointer/RX Free-Buffer Pointer-Table Entry Index (bits 29 − 0)
ON (bit 31)
When this bit is set, packet reassembly is enabled for this receive DMA channel. OAM cells can only be received
on DMA channels with the ON bit set (=1). This bit must be set by the host at initialization and not be turned off
during ongoing reassembly of a packet, as data buffers might be lost.
FILTER (bit 30)
This bit is only valid when the ON bit = 0 for the DMA channel. When the FILTER bit is set (= I), the following
happens: The cell is dropped, no interrupts are generated, and the unknown protocol counter is not
incremented. When the FILTER bit is not set (= 0), the following happens: The cell is dropped, the ATM header
is posted in the RX unknown register, interrupts are generated as they are done if the VCI is out of range, and
the unknown-protocol counter is incremented.
free-buffer FIFO pointer/RX free-buffer pointer-table index (bits 29 −0)
This entry contains either the address of the FIFO free-buffer entry or an index to the RX free-buffer ring-pointer
table contained in control memory. Only the lower eight bits are used if the RX free-buffer rings are selected.
The upper 22 bits remain unchanged and retain the initialized value. The free-buffer FIFO
pointer/descriptor-index field must be initialized by the host only at startup.
word 7
Reserved (bit 31)
Reserved (bits 30 − 24)
Time-Out Value (bits 23 − 12)
Time-Out Count (bits 11 − 0)
time-out value (bits 23 −12)
This field contains the value at which a reassembly time-out occurs. This field must be set at initialization.
time-out count (bits 11 −0)
This field is incremented if the reassembly-aging mechanism has reached this DMA channel and the RX DMA
channel is ACTive. If the value in this field is equal to the time-out value, a reassembly time-out is declared and
EOP processing is initiated. This field is reset at SOP.
receive free-buffer ring-pointer table
Addressing
In control memory. The entries are addressed using the RX DMA-state-table entry.
Size
Logical entries: 256
32-bit words: 512
The receive free-buffer ring-pointer table resides in control memory and provides the addresses of the next
entries in the receive free-buffer rings. There are a maximum of 256 free-buffer rings. The size of the receive
free-buffer rings are programmable. The entries for the receive free-buffer ring-pointer table are shown below:
ENTRY
DESCRIPTION
Word 0
RX free-buffer ring pointer
Word 1
Ring size, buffer size
The definitions of the fields associated with each word entry are given below:
word 0
RX Free-Buffer Ring Pointer (bits 31 − 2)
Reserved (bits 1 − 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com