Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 61 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 61 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 57Page - Texas Instruments XTNETA1570MFP Datasheet HTML 58Page - Texas Instruments XTNETA1570MFP Datasheet HTML 59Page - Texas Instruments XTNETA1570MFP Datasheet HTML 60Page - Texas Instruments XTNETA1570MFP Datasheet HTML 61Page - Texas Instruments XTNETA1570MFP Datasheet HTML 62Page - Texas Instruments XTNETA1570MFP Datasheet HTML 63Page - Texas Instruments XTNETA1570MFP Datasheet HTML 64Page - Texas Instruments XTNETA1570MFP Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
61
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
PCI_
STATUS
RESERVED
PCI_MODE
RX_
FRZ
TX_FRZ
CP_RX
RX_IRR
HEC_R
UP_R
APD_R
ACR_R
ACT_R
CP_TX
bits
31 − 16
bits
15 − 11
bit 10
bit 9
bit 8
bit 7
bit 6
bit 5
bits 4
bit 3
bit 2
bit 1
bit 0
PCI_STATUS (bits 31 −16)
These sixteen bits of the status register contain the PCI-interface status bits. They are located here to allow for
a single 32-bit word access to acquire the complete status of the TNETA1570.
PCI_MODE (bit 10)
This bit is used to indicate either 32-bit or 64-bit PCI interface. When this bit is high, the 64-bit PCI operation
is selected at reset.
RX_FRZ (receive freeze) (bit 9)
The TNETA1570 sets the RX_FRZ bit when a receive-completion-ring overflow is detected. It is cleared on read.
TX_FRZ (transmit freeze) (bit 8)
The TNETA1570 sets the TX_FRZ bit when a transmit-completion-ring overflow is detected. It is cleared on
read.
CP_RX (receive completion ring) (bit 7)
This bit is set when the reassembly of a packet is completed and the receive completion ring with interrupt is
updated.
RX_IRR (receive unknown register set) (bit 6)
This bit of the status register is set when a value is written to the RX-unknown register.
HEC_R (bit 5)
This bit is set when the HEC-error counter rolls over.
UP_R (unknown protocols rollover) (bit 4)
This bit is set when the unknown-protocols counter rolls over.
APD_R (AAL5 CPCS PDU discard counter rollover) (bit 3)
This bit is set when the AAL5 CPCS PDU discard counter rolls over.
ACR_R (ATM cells received counter rollover) (bit 2)
This bit is set when the ATM-cells-received counter rolls over.
ACT_R (ATM cells transmitted counter rollover) (bit 1)
This bit is set when the ATM-cells-transmitted counter rolls over.
CP_TX (transmit completion ring) (bit 0)
This bit is set when the segmentation of a buffer or packet is completed and the transmit-completion ring with
interrupt is updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com