Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 33 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 29Page - Texas Instruments XTNETA1570MFP Datasheet HTML 30Page - Texas Instruments XTNETA1570MFP Datasheet HTML 31Page - Texas Instruments XTNETA1570MFP Datasheet HTML 32Page - Texas Instruments XTNETA1570MFP Datasheet HTML 33Page - Texas Instruments XTNETA1570MFP Datasheet HTML 34Page - Texas Instruments XTNETA1570MFP Datasheet HTML 35Page - Texas Instruments XTNETA1570MFP Datasheet HTML 36Page - Texas Instruments XTNETA1570MFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
33
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
buffer offset (bits 23 −16)
The buffer offset (number of bytes offset from beginning of the payload area) is a pointer into the buffer that
indicates to the segmentation unit where the real data begins. When a new buffer descriptor is imported by the
TNETA1570, the TNETA1570 stores it in TX DMA state table-entry memory. The segmentation unit must add
the buffer offset to the start address to create the initial current-buffer-data address. An offset of 0 means that
the data starts immediately.
buffer-data-byte count (bits 15 −0)
This field is set by the host to indicate the number of bytes in the buffer that are to be segmented. The maximum
buffer size is 64K bytes, allowing an entire packet to be placed in a single buffer. Minimum size is one byte.
word 1
00
Start-of-Next-Buffer Pointer (bits 29 − 0)
This word provides the upper 30 bits of the 32-bit address of the next data buffer in the buffer chain; the lower
two bits of the address are always set to zero. If the buffer being segmented is the last buffer in the chain, this
entry is not used by the TNETA1570. The data buffer (with descriptor entry) is aligned to either a 32-bit or 64-bit
boundary, depending on whether the 64-bit or 32-bit PCI-host interface is selected.
word 2
GFC (bits 31 − 28)
VPI (bits 27 − 20)
VCI (bits 19 − 4)
PTI (bits 3−1)
CLP (bit 0)
This word provides the 4-byte ATM header. The PTI field is changed in the last cell of the packet to indicate EOP
(i.e., PTI = 0
× 1). This word is only read into the TX DMA state table for the first buffer in a packet. For subsequent
buffers, this word is not copied. The AAL5 ANSI and ITU-T specifications require that the last cell in an AAL5
packet set the PTI field to xx1 to indicate EOP.
word 3
CPCS-UU (bits 31 − 24)
CPI (bits 23 − 16)
User defined (bits 15 − 0)
CPCS-UU (bits 31 −24), CPI (bits 23 −16)
This field is set by the host and copies directly into the control field of the outgoing AAL5 trailer. This field is only
copied over for the first buffer in a packet. For subsequent buffers, this field is ignored.
user defined (bits 15 −0)
This field is available for use by the user and is not used or modified by the TNETA1570.
transmit completion rings with/without interrupt
Addressing
In host memory. The entries are addressed using the TX completion-ring pointers.
Size: set in the TX
completion-ring-size
Max logical entries: 8192
Max 32-bit words: 8192
Size: set in the TX
completion-ring-size
registers
Max logical entries: 8192
Max 32-bit words: 8192
Min logical entries: 1
registers
Min logical entries: 1
Min 32-bit words: 1
The structure of the transmit completion rings with/without interrupt located in host memory follows. An entry
is posted to the completion ring when a buffer completes segmentation. The starting address of the buffer
completing segmentation is written into the transmit completion ring. When segmentation of a buffer is
completed and the transmit completion ring with interrupt has been selected and updated, an interrupt is
generated on either a buffer or packet basis, depending upon the state of the bit in the configuration register.
If the transmit completion ring without interrupt has been selected and updated, an interrupt is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com