Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 50 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 50 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 46Page - Texas Instruments XTNETA1570MFP Datasheet HTML 47Page - Texas Instruments XTNETA1570MFP Datasheet HTML 48Page - Texas Instruments XTNETA1570MFP Datasheet HTML 49Page - Texas Instruments XTNETA1570MFP Datasheet HTML 50Page - Texas Instruments XTNETA1570MFP Datasheet HTML 51Page - Texas Instruments XTNETA1570MFP Datasheet HTML 52Page - Texas Instruments XTNETA1570MFP Datasheet HTML 53Page - Texas Instruments XTNETA1570MFP Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
host-interface overview (continued)
As a master, the TNETA1570 incorporates the following features:
D Utilizes the memory-read and memory-write PCI-bus commands
D Initiates transactions as a 32-bit or 64-bit agent (for data only)
D Initiates transactions as a 32-bit agent (for control structures)
D Performs multiple data-cycle transfers when possible up to a maximum of 12 data cycles
D Allows the user to specify the maximum number of times a transaction is retried before flagging a
system-error condition
signal descriptions
The following is a summary of the PCI-bus signals with a brief description of each signal. An overbar is used
to denote an active-low signal. The pin names are found by adding the prefix PCI_ to the signal names. The
definitions of the electrical types used in the signal descriptions are as follows:
TYPE
DESCRIPTION
Standard
input
Input is a standard input-only signal.
Standard
output
Output is a standard totem-pole active driver.
3 state
Three-state is a bidirectional input/output signal.
Sustained
3 state
Sustained 3-state is an active-low 3-state signal owned and driven
by only one agent at a given time.
Open drain
Open drain allows multiple devices to share signals as a wired-OR.
In addition to the standard PCI-interface signals, two additional sideband signals are also defined. These signals
are SB(bit 0) and SB(bit 1). They give the size of the transfer when the TNETA1570 is the bus master. These
signals are defined as follows:
SB (bit 1)
SB (bit 0)
DESCRIPTION
0
0
4-byte transfer
0
1
16-byte transfer except for receive completion ring
1
0
Payload transfer
1
1
Transfer to receive completion ring 20-byte transfers
Sideband signals are synchronous to the address phase of bus-mastering operations by the TNETA1570.
Sideband signals are not changed upon a bus retry after disconnect. The sideband signals are always active
(i.e., they are always driven by the TNETA1570). They comply with point-to-point PCI-bus timing.
configuration space definition
As described in the PCI-local bus specification revision 2.0, the TNETA1570 provides a 64-byte configuration
space that can be accessed by system software for configuration, initialization, and error handling. The
TNETA1570 responds to type 0 configuration accesses. The following map describes the 64-byte configuration
space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com