Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 31 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 31 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 27Page - Texas Instruments XTNETA1570MFP Datasheet HTML 28Page - Texas Instruments XTNETA1570MFP Datasheet HTML 29Page - Texas Instruments XTNETA1570MFP Datasheet HTML 30Page - Texas Instruments XTNETA1570MFP Datasheet HTML 31Page - Texas Instruments XTNETA1570MFP Datasheet HTML 32Page - Texas Instruments XTNETA1570MFP Datasheet HTML 33Page - Texas Instruments XTNETA1570MFP Datasheet HTML 34Page - Texas Instruments XTNETA1570MFP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
31
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
OWN (bit 31)
This bit is set by the host indicating that the first buffer of a packet is ready for segmentation. This bit and the
rest of the 32-bit word is cleared by the TNETA1570 after segmentation of the packet is complete indicating that
the entry is available for use by the host.
pointer (bits 29 −0)
This field is set by the host and contains the upper 30 bits of the 32-bit address of the first buffer of a packet
that is ready for segmentation. The lower two address bits are always set to zero because the data buffers are
aligned to a 32-bit boundary. These bits and the OWN bit are cleared by the TNETA1570 after segmentation
of the packet is complete indicating that the entry is available for use by the host.
transmit data buffers
Addressing
First buffer in new packets: address stored in transmit packet-segmentation ring
New buffer in on-going packet: address stored in previous buffer descriptor
On-going buffer: address stored in TX DMA state table
Size
Min size: buffer descriptor + 1-byte payload data
Max size: buffer descriptor + 65535-byte payload data
Packets (buffer
chains) supported
Max number of packets simultaneously on-going segmentation: 1023
Max number of queued new packets on one transmit packet-segmentation ring: 256
Max total number of queued new packets: 256 x 256 = 65536
The descriptor entry and the user data are both placed into the data buffer (located in host memory) for
segmentation. The descriptor entry consists of four 32-bit words followed by the user data. The buffer size of
the user data is user programmable from 1 byte to 64K bytes using the data-byte-count field in the buffer
descriptor. The size is programmable on a per-DMA-channel basis. The total transmit data buffer must be at
least five (4 plus 1) words and contain at least one byte of data. The maximum total size is 16388 ( 4 plus 16384)
words and contain 65535 bytes of data.
Descriptor Entry
(four 32-bit words)
User Information
The descriptor entry contains four 32-bit words as described below:
ENTRY
DESCRIPTION
Word 0
Control field, buffer offset, buffer data-byte count
Word 1
Start-of-next-buffer pointer
Word 2
4-byte ATM header
Word 3
PCS-UU/CPI field (AAL5 control field)
NOTE: A possible race condition can occur when updating the descriptor field, unless the OWN bit is in the last
field to be updated in the descriptor field. The race occurs if the OWN bit gets updated and then the write
operation is discontinued by the PCI bus before the complete descriptor has been updated.
The definitions of the fields inside each word follow:
word 0
Control (bits 31 − 25)
Reserved (bit 24)
Buffer Offset (bits 23 − 16)
Buffer-Data-Byte Count (bits 15 − 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com