Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 3 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 3 Page - Texas Instruments

  XTNETA1570MFP Datasheet HTML 1Page - Texas Instruments XTNETA1570MFP Datasheet HTML 2Page - Texas Instruments XTNETA1570MFP Datasheet HTML 3Page - Texas Instruments XTNETA1570MFP Datasheet HTML 4Page - Texas Instruments XTNETA1570MFP Datasheet HTML 5Page - Texas Instruments XTNETA1570MFP Datasheet HTML 6Page - Texas Instruments XTNETA1570MFP Datasheet HTML 7Page - Texas Instruments XTNETA1570MFP Datasheet HTML 8Page - Texas Instruments XTNETA1570MFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
PCI-bus interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PACK64
182
I/O
(3 state)
PCI acknowledge 64-bit transfer. PACK64 is driven by the current target indicating the ability to
support a 64-bit access. When acknowledging a 64-bit access, the assertion of PACK64 is
coincident with the assertion of PDEVSEL. If PACK64 is not asserted coincident with PDEVSEL,
the transaction defaults to 32 bit.
PAD31 − PAD0
119 − 121,
123 − 124,
126 − 127,
129,
133 − 134,
136 − 139,
141 − 142,
158 − 160,
162,
164 − 167,
171 − 173,
175 − 177,
179, 181
I/O
(3 state)
PCI address bus and data bus. PAD31 − PAD0 are multiplexed on the same PCI terminals.
During the first phase of the address phase of a transaction, PAD31 − PAD0 contain a 32-bit PHY
address. This phase is the clock cycle when PFRAME is asserted.
During the data phase, PAD7 − PAD0 contain the least significant byte and PAD31 − PAD24
contain the most significant byte. Write data is stable when PIRDY is asserted. Read data is
stable when PTRDY is asserted. Data is transferred during those clock cycles when both PIRDY
and PTRDY are asserted.
PAD63 − PAD32
191,
193 − 195,
197,
199 − 202,
204,
206 − 209,
211 − 212,
214 − 215,
217 − 220,
222,
224 − 227,
229,
231 − 233,
235
I/O
(3 state)
PCI address bus and data bus. PAD63 − PAD32 are multiplexed on the same PCI terminals.
During the first phase of the address phase of a transaction, PAD63 − PAD32 contain a 32-bit
PHY address. This phase is the clock cycle when PFRAME is asserted.
During the data phase, PAD39 − PAD32 contain the least significant byte and PAD63 − PAD56
contain the most significant byte. Write data is stable when PIRDY is asserted. Read data is
stable when PTRDY is asserted. Data is transferred during those clock cycles when both PIRDY
and PTRDY are asserted.
PCBE3 − PCBE0
130, 144,
156, 169
I/O
(3 state)
PCI-bus command and byte enable. PCBE3 − PCBE0 lines are multiplexed on the same PCI
terminals. During the address phase of a transaction, PCBE3 − PCBE0 lines define the bus
command. During the data phase, PCBE3 −PCBE 0 lines define which bytes are valid.
PCBE7 − PCBE4
184 − 185,
187 , 189
I/O
(3 state)
PCI-bus command and byte enable. PCBE7 − PCBE4 lines are multiplexed on the same PCI
terminals. During the address phase of a transaction, PCBE7 − PCBE4 lines define the bus
command. During the data phase, PCBE7 − PCBE4 lines define which bytes are valid.
PCLK
114
I
PCI clock. PCLK provides timing for all transactions on the PCI interface.
PDEVSEL
149
I/O
(3 state)
PCI device select. When actively driven, PDEVSEL indicates that the address of the driving
device is decoded as the target of the current access. As an input, PDEVSEL indicates whether
any device on the bus is selected.
PFRAME
145
I/O
(3 state)
PCI frame. PFRAME is driven by the current master to indicate the beginning and duration of an
access. PFRAME is asserted at the beginning of the bus transaction and remains asserted
during data transfer. When PFRAME is deasserted, the transaction is in the final data phase.
PGNT
116
I
PCI bus grant. PGNT indicates to the agent that the arbiter has granted access to the bus. PGNT
is a point-to-point signal and every master has its own.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com