Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 30 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 30 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 26Page - Texas Instruments XTNETA1570MFP Datasheet HTML 27Page - Texas Instruments XTNETA1570MFP Datasheet HTML 28Page - Texas Instruments XTNETA1570MFP Datasheet HTML 29Page - Texas Instruments XTNETA1570MFP Datasheet HTML 30Page - Texas Instruments XTNETA1570MFP Datasheet HTML 31Page - Texas Instruments XTNETA1570MFP Datasheet HTML 32Page - Texas Instruments XTNETA1570MFP Datasheet HTML 33Page - Texas Instruments XTNETA1570MFP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
word 4
Start-of-Next-Buffer Address (bits 31 − 0)
This field contains the address of the next buffer in the transmit buffer chain to be segmented. The buffer is either
32 bit or 64 bit aligned. This word is copied from word 1 of the descriptor entry and shifted left two bits to form
a complete 32-bit address.
word 5
Start-of-Next-Buffer Address (bits 31 − 0)
This field is copied from word 4 prior to the start of segmentation and provides a place holder for the entry written
in the transmit completion ring. The transmit completion ring is updated when the segmentation of a buffer is
complete.
word 6
Partial-AAL5 Transmit CRC (bits 31 − 0)
This field is used by the TNETA1570 to hold the interim AAL5-packet CRC calculation.
word 7
AAL5-Control Field (bits 31 − 16)
AAL5-Length Field (bits 15 − 0)
The AAL5-control field is copied directly from word 3 of the descriptor entry. The AAL5-length field must be
immediately calculated by the TNETA1570 because segmentation can begin before all of the packet is in
memory.
transmit packet-segmentation rings
Addressing
In host memory. The entries are addressed using the TX DMA state-table entry.
Number of rings supported
One ring per TX DMA channel (i.e., max = 1024)
Size: set in the TX packet-
segmentation ring-size register
Max logical entries: 256
Max 32-bit words:
256
Min logical entries: 1
Min 32-bit words:
1
The transmit packet-segmentation rings are located in host memory and provide the address of the first buffer
of the next packet to be segmented. Each transmit DMA channel has its own packet-segmentation ring. The
size of the rings is programmable through the transmit packet-segmentation ring-size register, up to a maximum
of 256 entries per ring. The structure of a packet-segmentation ring is shown below:
ENTRY
DESCRIPTION
Word 0
Control, buffer pointer
The definitions of the fields are as follows:
word 0
OWN (bit 31)
Reserved (bit 30)
Pointer (bits 29 − 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com