Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 59 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 59 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 55Page - Texas Instruments XTNETA1570MFP Datasheet HTML 56Page - Texas Instruments XTNETA1570MFP Datasheet HTML 57Page - Texas Instruments XTNETA1570MFP Datasheet HTML 58Page - Texas Instruments XTNETA1570MFP Datasheet HTML 59Page - Texas Instruments XTNETA1570MFP Datasheet HTML 60Page - Texas Instruments XTNETA1570MFP Datasheet HTML 61Page - Texas Instruments XTNETA1570MFP Datasheet HTML 62Page - Texas Instruments XTNETA1570MFP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
59
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
internal registers and counters (continued)
DESCRIPTION
TX Packet-Segmentation Ring-Size
Register
FIFO Free-Buffer-Size Register
001Ch
HEC-Error Counter
AAL5 CPCS PDU Discard Register
0020h
Unknown-Protocols Counter
0024h
ATM-Cells-Received Counter
0028h
ATM-Cells-Transmitted Counter
002ch
VCI-Mask Register
TX FIFO Maximum Occupancy Value
RX FIFO Maximum Occupancy Value
0030h
Reserved
Scheduler-Table-Size Register
0034h
Software Reset
0038h
TX Completion Ring Without Interrupt-Pointer Address
0200h
TX Completion Ring With Interrupt-Pointer Address
0204h
RX Completion Ring Without Interrupt-Pointer Address
0208h
RX Completion Ring With Interrupt-Pointer Address
020Ch
configuration register
This register is used to program the operation of the device. This register is accessed as a 32-bit word, although
not all 32 bits are used. The register is read/write and is cleared when a hardware or software reset occurs.
RESERVED
NNI/
UNI
MAX_RETRY
_COUNT
LOOP_
BACK
TX_HEC
_ERR
SMALL_MAP
EN_TX
EN_RX
ENDN_SEL
BP_SEL
EN_RAT
bits 31 − 14
bit 13
bits 12 − 9
bit 8
bit 7
bit 6
bit 5
bit 4
bits 3 − 2
bit 1
bit 0
NNI/UNI (bit 13) − select NNI or UNI ATM-cell-header interpretation
When this bit is not set (= 0) the ATM cell header is interpreted as NNI ATM cell header, (i.e., the first four bits
in the header are used as part of the VPI value). When this bit is set (= 1), the cell header is interpreted as UNI
cell header, (i.e., the first four bits are considered GFC bits and masked before the VPI field is used as an
address to the RX VPI/VCI DMA pointer table). The GFC bits are not used in the TNETA1570, but they are
passed on to the host as part of the ATM header in the RX data buffers. The NNI/UNI bit is cleared (= 0) after
reset.
MAX_RETRY_COUNT (bits 12 −9)
These bits specify the maximum number of retries that the TNETA1570 master attempts for any transaction
before asserting PSERR. If this field is set to 0, the master retries forever. Reset value is zero.
LOOP_BACK (bit 8)
If the LOOP_BACK bit is set, the segmented data is looped back into the reassembly engine. External data
available for reassembly are ignored. No loopback is performed if the bit is not set.
TX_HEC_ERR (bit 7)
The HEC field of a segmented package is inverted if the TX_HE_ ER bit is set high. The HEC field is transmitted
correctly if the bit is not set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com