Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 28 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 28 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 24Page - Texas Instruments XTNETA1570MFP Datasheet HTML 25Page - Texas Instruments XTNETA1570MFP Datasheet HTML 26Page - Texas Instruments XTNETA1570MFP Datasheet HTML 27Page - Texas Instruments XTNETA1570MFP Datasheet HTML 28Page - Texas Instruments XTNETA1570MFP Datasheet HTML 29Page - Texas Instruments XTNETA1570MFP Datasheet HTML 30Page - Texas Instruments XTNETA1570MFP Datasheet HTML 31Page - Texas Instruments XTNETA1570MFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
transmit DMA state table (continued)
ENTRY
DESCRIPTION
Word 0
Control field, buffer offset, buffer data-byte count
Word 0
Word 1
Control field, buffer offset, buffer data-byte count
Current-buffer address
Word 1
Word 2
Current-buffer address
4-byte ATM header
Word 2
Word 3
4-byte ATM header
DMA state on/off
Word 3
Word 4
DMA state on/off
Next-buffer address
Word 4
Word 5
Next-buffer address
Start-of-buffer address
Word 5
Word 6
Word 7
Start-of-buffer address
Partial AAL5-transmit CRC
AAL5-control field and length field
Word 6
Word 7
Partial AAL5-transmit CRC
AAL5-control field and length field
word 0
Control (bits 31 − 25)
Reserved (bit 24)
Buffer Offset (bits 23 − 16)
Buffer Data-Byte Count (bits 15 − 0)
The contents of word 0 are copied directly from word 0 of the descriptor entry located at the start of each data
buffer.
act (ACTive) (bit 31)
This bit is set when the DMA channel is in the process of segmenting and transmitting a packet. This bit is cleared
by the TNETA1570 after the entire packet is transmitted.
start of packet (SOP) (bit 30)
This bit is set by the host indicating that this is the first buffer of a packet that consists of one or more buffers.
This bit is also set if a packet consists of only a single buffer. This bit is not checked by the TNETA1570.
end of packet (EOP) (bit 29)
This bit indicates that this is the last buffer of a packet; therefore, every packet has at least one buffer with the
EOP bit set. For a packet that consists of a single buffer, both the SOP and EOP bits are set.
abort (bit 28)
This bit indicates that EOP processing is initiated immediately and no further processing of the current packet
will occur. When both this bit and the AAL5-indicator bit are set, the AAL5 length field in the outgoing AAL5
packet is reset to zero.
transmit AAL-packet-type indicator (bits 27 and 26)
These bits are set by the host to indicate the AAL type of the packet being transmitted. Three options are
available for processing a packet for transmission as shown in the following table:
BIT 27
BIT 26
INDICATION
0
0
Transparent-AAL packet with PTI bits set to indicate EOP
0
1
AAL5
1
0
Transparent-AAL packet without PTI bits set to indicate EOP
1
1
Invalid
AAL5 processing includes the calculation of the 32-bit CRC and the addition of the pad, control, and length fields.
All buffers associated with an AAL5 packet must have the AAL5-indication bits set. When either of the other two
processing methods is chosen, the TNETA1570 does not perform packet-level processing, except for adding
the necessary pad to complete a 48-byte payload. If both bits 27 and 26 are set to zero, the device also sets
the PTI field in the last cell of a packet to a value of 0
× I to indicate EOP. If bits 27 and 26 are set to a value of
10, the PTI field in the last cell of the packet is not modified. This last method can be used to send VC-level OAM
cells, which require that the PTI value of the cell being transmitted be set to a value of 10x. The TNETA1570
does not modify the PTI field for these cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com