Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 64 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 64 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 60Page - Texas Instruments XTNETA1570MFP Datasheet HTML 61Page - Texas Instruments XTNETA1570MFP Datasheet HTML 62Page - Texas Instruments XTNETA1570MFP Datasheet HTML 63Page - Texas Instruments XTNETA1570MFP Datasheet HTML 64Page - Texas Instruments XTNETA1570MFP Datasheet HTML 65Page - Texas Instruments XTNETA1570MFP Datasheet HTML 66Page - Texas Instruments XTNETA1570MFP Datasheet HTML 67Page - Texas Instruments XTNETA1570MFP Datasheet HTML 68Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
64
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
RX completion ring with interrupt (WI)-size register (continued)
The value in the registers is compared to an internal pointer counter that gets incremented when a
completion-ring entry is processed. When the value of the pointer counter equals the value in the register, the
pointer value is reset and the next pointer value is zero.
TX packet-segmentation ring-size register
Reserved (bits 15−8)
TX Packet-Segmentation-Ring Size (bits 7− 0)
This register contains the size of the TX packet-segmentation ring. The maximum size of this ring is 256 entries.
The size is restricted to a power of 2, i.e., 2, 4, 8, 16, 32, 64, 128, etc. This field is coded (ring size −1) to account
for entry 0; therefore, for a ring with 16 entries, the value of 0000 1111 is entered in this field. This is a 16-bit
register, read/write, and is cleared when a hardware or software reset occurs.
FIFO free-buffer-size register
FIFO Free-Buffer Size (bits 15 − 0)
This register contains the size of the buffers used with the FIFO free-buffer structure. The size of the free buffer
is given in the number of ATM cells that the buffer can hold. If an AAL5 packet is to be placed in a single buffer,
the buffer must be able to hold 1366 cells. To program a buffer size of 64K byte, the value in the register should
be 64K / 48 rounded up = 1366(dec), (65536/48 = 1 365.3 = > 1366). This is a 16-bit register, read/write, and
is cleared when a hardware or software reset occurs.
VCI-mask register
VCI Mask (bits 15 − 0)
The 16-bit VCI mask field is uniformly imposed on all received cells, except OAM cells. If the bit value in the
mask = 1, the VCI bit in the incoming ATM cell is replaced by 0 before it is processed. If the bit value in the
mask = 0, the VCI bit is not affected.
The VCI mask works as follows:
D Cell arrives
D The cell is checked if it is a OAM cell; if so, it is processed as an OAM cell.
D VCI has mask imposed on it (invert and perform logical AND function with the bits in the register).This results
in a new 16-bit value.
D This new 16-bit value is compared to the valid VCI range value in the RX VPI/VCI pointer table to check
if it is out of range.
D If not out of range, the new 16-bit value is used to get to the appropriate RX DMA state-table entry.
The RAT timer is not affected. It uses the value programmed in the VPI/VCI DMA pointer table.
The received VPI/VCI appears in the RX completion ring and the RX data-buffer descriptor.
FIFO maximum occupancy value
Reserved (bits 15 − 12)
TX FIFO maximum
occupancy value
(bits 11 − 8)
Reserved (bits 7 − 5)
RX FIFO maximum
occupancy value
(bits 4 − 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com