Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 7 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 7 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 3Page - Texas Instruments XTNETA1570MFP Datasheet HTML 4Page - Texas Instruments XTNETA1570MFP Datasheet HTML 5Page - Texas Instruments XTNETA1570MFP Datasheet HTML 6Page - Texas Instruments XTNETA1570MFP Datasheet HTML 7Page - Texas Instruments XTNETA1570MFP Datasheet HTML 8Page - Texas Instruments XTNETA1570MFP Datasheet HTML 9Page - Texas Instruments XTNETA1570MFP Datasheet HTML 10Page - Texas Instruments XTNETA1570MFP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
control-memory interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CMAD17 −
CMAD0
61,
59 − 57,
55 − 50,
48,
46 − 41,
39
O
(CMOS)
Control-memory address. CMAD17− CMAD0 contains an 18-bit physical address to the control
memory.
CMDATA31 −
CMDATA0
35 − 33,
31 − 29,
27 − 25,
23 − 18,
16,
14 − 9,
7,
5− 1,
240,
238 − 236
I
(TTL)
O
(CMOS)
Control-memory data. CMDATA31 − CMDATA0 contains 32-bit data to/from the control memory.
CMOE
36
O
(CMOS)
Control-memory output enable. When CMOE is active low, the address is valid and data is read
into the TNETA1570 on the rising edge of CMOE.
CMWE
37
O
(CMOS)
Control-memory write enable. When CMWE is active low, the address and data are valid.
boundary-scan interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
TCK
103
I
(TTL)
Test clock. TCK clocks the test-access-port (TAP) operation.
TDI
106
I
(TTL)
Test data input. TDI shifts serial-test data and instructions into the device during (TAP) operation.
TDO
105
O
(TTL)
Test data output. TDO shifts serial-test data and instructions out of the device during TAP
operation.
TMS
104
I
(TTL)
Test-mode select. TMS controls the state of the TAP controller.
TRST
102
I
(TTL)
Test reset. TRST asynchronously forces the TAP controller to a known state.
test signal
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
TESTMODE
101
I
(TTL)
Test mode. TESTMODE is used for device testing. Grounded for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com